Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA125-471-R Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # DRA125-471-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRA125-471-R Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  DRA125-471-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 7Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DRA Series
High Power Density,
High Efficiency, Shielded Inductors
Magnetics Solutions
For Automotive Applications
User direction of feed
Ø1.50 Min.
Ø1.50 +0.1/-0.0
SECTION A-A
Ko
B0= 7.90 mm
A0= 7.90 mm
K0= 4.70 mm
4.00
2.00 ±0.1
Bo
Ao
1.75±0.10
7.50±0.1 16.00
±0.3
A
A
12.00
DRA74 Series
A0
SECTION A-A
B0= 13.00mm
A0= 13.00 mm
K0= 4.90 mm
1.5 dia
+0.1/-0.0
B0
K0
11.5
1.75
A
2.0
16.00
1.5 dia
min
24.0
+/-0.3
A
User direction of feed
DRA124 Series
A0
SECTION A-A
B0= 13.00 mm
A0= 13.00 mm
K0= 6.30 mm
1.5 dia
+0.1/-0.0
B0
K0
11.5
1.75
A
2.0
16.00
1.5 dia
min
24.0
+/-0.3
A
User dir ection of feed
DRA125 Series
Packaging Information
Ø1.50 Min.
Ø1.50+0.1/-0.0
SECTION A-A
Ko
B0= 7.90 mm
A0= 7.90mm
K0= 3.80mm
4.00
2.00 ±0.1
Bo
Ao
1.75±0.10
7.50±0.1 16.00
±0.3
A
A
User directionof feed
12.00
DRA73 Series
Dimensions are in millimeters.
Parts packaged on 13" Diameter reel,
1,350 parts per reel.
Parts packaged on 13" Diameter reel,
1,100 parts per reel.
Parts packaged on 13" Diameter reel,
750 parts per reel.
Parts packaged on 13" Diameter reel,
600 parts per reel.
A0
SECTION A-A
B0= 13.00 mm
A0= 13.00mm
K0= 8.30mm
1.5 dia
+0.1/-0.0
B0
K0
11.5
1.75
A
2.0
20.00
1.5 dia
min
24.0
+/-0.3
A
User direction of feed
DRA127 Series
Parts packaged on 13" Diameter reel,
350 parts per reel.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com