Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA125-471-R Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # DRA125-471-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRA125-471-R Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

  DRA125-471-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 7Page - Cooper Bussmann, Inc. DRA125-471-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
OCL vs Isat/DRA 74 series
OCL vs Isat/DRA 73 series
40%
50 %
60%
-40°
25°
85°
125°
0%
10 %
20 %
30 %
70 %
80%
90 %
100 %
110 %
120 %
40%
50 %
60%
-40°
25°
85°
125°
120 %
110 %
100 %
90 %
80 %
70 %
30 %
20 %
10%
0%
0%
10 %
20%
30 %
40%
50 %
60%
70 %
80%
90 %
100 %
110 %
120 %
0%
10 %
20%
30 %
40%
50 %
60%
70 %
80%
90 %
100 %
110 %
120 %
130 %
140 %
% of Isat
% of Isat
OCL vs Isat/DRA 125 series
OCL vs Isat/DRA 124 series
40 %
50 %
60 %
-40°
25°
85°
125°
0%
10 %
20 %
30%
70 %
80 %
90%
100 %
110 %
120 %
40%
50%
60 %
-40°
25°
85°
120 %
110 %
100 %
90%
80 %
70%
30 %
20 %
125°
10 %
0%
%
0%
10 %
20%
30 %
40%
50 %
60%
70 %
80%
90 % 100 % 110 % 120 % 130 % 140 % 150 % 160 %
0%
10 %
20%
30 %
40%
50 %
60%
70 %
80%
90 %
100 %
110 %
120 %
130 %
140
% of Isat
% of Isat
OCL vs Isat/DRA 127 series
40 %
50 %
60 %
-40°
25°
85°
125°
120 %
110 %
100 %
90 %
80 %
70 %
30 %
20 %
10 %
0%
60 %
70%
80 %
90%
100 %
110 %
120 %
130 %
140 %
150 %
160 %
170 %
180 %
190 %
200 %
% of Isat
Inductance Characteristics
DRA Series
High Power Density,
High Efficiency, Shielded Inductors
Magnetics Solutions
For Automotive Applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com