Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1946 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F1946
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1946 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F1946 Datasheet HTML 17Page - Microchip Technology PIC16F1946 Datasheet HTML 18Page - Microchip Technology PIC16F1946 Datasheet HTML 19Page - Microchip Technology PIC16F1946 Datasheet HTML 20Page - Microchip Technology PIC16F1946 Datasheet HTML 21Page - Microchip Technology PIC16F1946 Datasheet HTML 22Page - Microchip Technology PIC16F1946 Datasheet HTML 23Page - Microchip Technology PIC16F1946 Datasheet HTML 24Page - Microchip Technology PIC16F1946 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 21
PIC16(L)F1946/1947
3.0
MEMORY ORGANIZATION
These devices contain the following types of memory:
• Program Memory
- Configuration Words
- Device ID
-User ID
- Flash Program Memory
• Data Memory
- Core Registers
- Special Function Registers
- General Purpose RAM
- Common RAM
• Data EEPROM memory(1)
The following features are associated with access and
control of program memory and data memory:
• PCL and PCLATH
•Stack
• Indirect Addressing
3.1
Program Memory Organization
The enhanced mid-range core has a 15-bit program
counter capable of addressing a 32K x 14 program
memory space. Table 3-1 shows the memory sizes
implemented
for
the
PIC16(L)F1946/47
family.
Accessing a location above these boundaries will cause
a wrap-around within the implemented memory space.
The Reset vector is at 0000h and the interrupt vector is
at 0004h (see Figures 3-1 and 3-2).
Note 1: The Data EEPROM Memory and the
method to access Flash memory through
the EECON registers is described in
Section 11.0 “Data EEPROM and Flash
Program Memory Control”.
TABLE 3-1:
DEVICE SIZES AND ADDRESSES
Device
Program Memory Space (Words)
Last Program Memory Address
PIC16(L)F1946
8,192
1FFFh
PIC16(L)F1947
16,384
3FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com