Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1946 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F1946
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1946 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F1946 Datasheet HTML 35Page - Microchip Technology PIC16F1946 Datasheet HTML 36Page - Microchip Technology PIC16F1946 Datasheet HTML 37Page - Microchip Technology PIC16F1946 Datasheet HTML 38Page - Microchip Technology PIC16F1946 Datasheet HTML 39Page - Microchip Technology PIC16F1946 Datasheet HTML 40Page - Microchip Technology PIC16F1946 Datasheet HTML 41Page - Microchip Technology PIC16F1946 Datasheet HTML 42Page - Microchip Technology PIC16F1946 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 39
PIC16(L)F1946/1947
Bank 6
300h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
301h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
302h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
303h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
304h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
305h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
306h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
307h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
308h(2)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
309h(2)
WREG
Working Register
0000 0000 uuuu uuuu
30Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
30Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
30Ch
TRISF
PORTF Data Direction Register
1111 1111 1111 1111
30Dh
TRISG
—
—
TRISG5
TRISG4
TRISG3
TRISG2
TRISG1
TRISG0
--11 1111 --11 1111
30Eh
—
Unimplemented
—
—
30Fh
—
Unimplemented
—
—
310h
—
Unimplemented
—
—
311h
CCPR3L
Capture/Compare/PWM Register 3 (LSB)
xxxx xxxx uuuu uuuu
312h
CCPR3H
Capture/Compare/PWM Register 3 (MSB)
xxxx xxxx uuuu uuuu
313h
CCP3CON
P3M<1:0>
DC3B<1:0>
CCP3M<1:0>
0000 0000 0000 0000
314h
PWM3CON
P3RSEN
P3DC<6:0>
0000 0000 0000 0000
315h
CCP3AS
CCP3ASE
CCP3AS<2:0>
PSS3AC<1:0>
PSS3BD<1:0>
0000 0000 0000 0000
316h
PSTR3CON
—
—
—
STR3SYNC
STR3D
STR3C
STR3B
STR3A
---0 0001 ---0 0001
317h
—
Unimplemented
—
—
318h
CCPR4L
Capture/Compare/PWM Register 4 (LSB)
xxxx xxxx uuuu uuuu
319h
CCPR4H
Capture/Compare/PWM Register 4 (MSB)
xxxx xxxx uuuu uuuu
31Ah
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
--00 0000 --00 0000
31Bh
—
Unimplemented
—
—
31Ch
CCPR5L
Capture/Compare/PWM Register 5 (LSB)
xxxx xxxx uuuu uuuu
31Dh
CCPR5H
Capture/Compare/PWM Register 5 (MSB)
xxxx xxxx uuuu uuuu
31Eh
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
--00 0000 --00 0000
31Fh
—
Unimplemented
—
—
TABLE 3-10:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com