Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8 Datasheet(PDF) 215 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 215 Page - Microchip Technology

Back Button SE8 Datasheet HTML 211Page - Microchip Technology SE8 Datasheet HTML 212Page - Microchip Technology SE8 Datasheet HTML 213Page - Microchip Technology SE8 Datasheet HTML 214Page - Microchip Technology SE8 Datasheet HTML 215Page - Microchip Technology SE8 Datasheet HTML 216Page - Microchip Technology SE8 Datasheet HTML 217Page - Microchip Technology SE8 Datasheet HTML 218Page - Microchip Technology SE8 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 215
PIC16(L)F1946/47
23.0 CAPTURE/COMPARE/PWM
MODULES
The Capture/Compare/PWM module is a peripheral
which allows the user to time and control different
events, and to generate Pulse-Width Modulation
(PWM) signals. In Capture mode, the peripheral allows
the timing of the duration of an event. The Compare
mode allows the user to trigger an external event when
a predetermined amount of time has expired. The
PWM mode can generate Pulse-Width Modulated
signals of varying frequency and duty cycle.
This family of devices contains three Enhanced
Capture/Compare/PWM modules (ECCP1, ECCP2,
and ECCP3) and two standard Capture/Compare/PWM
modules (CCP4 and CCP5).
The Capture and Compare functions are identical for all
five CCP modules (ECCP1, ECCP2, ECCP3, CCP4,
and CCP5). The only differences between CCP
modules are in the Pulse-Width Modulation (PWM)
function. The standard PWM function is identical in
modules, CCP4 and CCP5. In CCP modules ECCP1,
ECCP2, and ECCP3, the Enhanced PWM function has
slight variations from one another. Full-Bridge ECCP
modules have four available I/O pins while Half-Bridge
ECCP modules only have two available I/O pins. See
Table 23-1 for more information.
Note 1:
In devices with more than one CCP
module, it is very important to pay close
attention to the register names used. A
number placed after the module acronym
is used to distinguish between separate
modules. For example, the CCP1CON
and
CCP2CON
control
the
same
operational aspects of two completely
different CCP modules.
2:
Throughout
this
section,
generic
references to a CCP module in any of its
operating modes may be interpreted as
being equally applicable to ECCP1,
ECCP2, ECCP3, CCP4 and CCP5.
Register names, module signals, I/O pins,
and bit names may use the generic
designator 'x' to indicate the use of a
numeral to distinguish a particular module,
when required.
TABLE 23-1:
PWM RESOURCES
Device Name
ECCP1
ECCP2
ECCP3
CCP4
CCP5
PIC16(L)F1946/47
Enhanced PWM
Full-Bridge
Enhanced PWM
Full-Bridge
Enhanced PWM
Full-Bridge
Standard PWM
Standard PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com