| Electronic Components Datasheet Search |
|
SE8 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE8 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 14 2010-2012 Microchip Technology Inc. RB2/SEG9 RB2 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. SEG9 — AN LCD Analog output. RB3/SEG10 RB3 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. SEG10 — AN LCD Analog output. RB4/SEG11 RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. SEG11 — AN LCD Analog output. RB5/T1G/SEG29 RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. T1G ST — Timer1 Gate input. SEG29 — AN LCD Analog output. RB6/ICSPCLK/ICDCLK/SEG38 RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPCLK ST — Serial Programming Clock. ICDCLK ST — In-Circuit Debug Clock. SEG38 — AN LCD Analog output. RB7/ICSPDAT/ICDDAT/SEG39 RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPDAT ST CMOS ICSP™ Data I/O. ICDDAT ST CMOS In-Circuit Data I/O. SEG39 — AN LCD Analog output. RC0/T1OSO/T1CKI/SEG40 RC0 ST CMOS General purpose I/O. T1OSO XTAL XTAL Timer1 oscillator connection. T1CKI ST — Timer1 clock input. SEG40 — AN LCD Analog output. RC1/T1OSI/P2A(1)/CCP2(1)/ SEG32 RC1 ST CMOS General purpose I/O. T1OSI XTAL XTAL Timer1 oscillator connection. P2A — CMOS PWM output. CCP2 ST CMOS Capture/Compare/PWM. SEG32 — AN LCD Analog output. RC2/CCP1/P1A/SEG13 RC2 ST CMOS General purpose I/O. CCP1 ST CMOS Capture/Compare/PWM. P1A — CMOS PWM output. SEG13 — AN LCD Analog output. RC3/SCK/SCL/SEG17 RC3 ST CMOS General purpose I/O. SCK ST CMOS SPI clock. SCL I2COD I2C™ clock. SEG17 — AN LCD Analog output. RC4/SDI1/SDA1/SEG16 RC4 ST CMOS General purpose I/O. SDI1 ST — SPI data input. SDA1 I2COD I2C™ data input/output. SEG16 — AN LCD Analog output. TABLE 1-2: PIC16(L)F1946/47 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Pin function is selectable via the APFCON register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |