Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8 Datasheet(PDF) 16 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 16 Page - Microchip Technology

Back Button SE8 Datasheet HTML 12Page - Microchip Technology SE8 Datasheet HTML 13Page - Microchip Technology SE8 Datasheet HTML 14Page - Microchip Technology SE8 Datasheet HTML 15Page - Microchip Technology SE8 Datasheet HTML 16Page - Microchip Technology SE8 Datasheet HTML 17Page - Microchip Technology SE8 Datasheet HTML 18Page - Microchip Technology SE8 Datasheet HTML 19Page - Microchip Technology SE8 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 16
 2010-2012 Microchip Technology Inc.
RE1/P2C(1)/VLCD2
RE1
ST
CMOS General purpose I/O.
P2C
—
CMOS PWM output.
VLCD2
AN
—
LCD analog input.
RE2/P2B(1)/VLCD3
RE2
ST
CMOS General purpose I/O.
P2B
—
CMOS PWM output.
VLCD3
AN
—
LCD analog input.
RE3/P3C(1)/COM0
RE3
ST
CMOS General purpose I/O.
P3C
—
CMOS PWM output.
COM0
—
AN
LCD Analog output.
RE4/P3B(1)/COM1
RE4
ST
CMOS General purpose I/O.
P3B
—
CMOS PWM output.
COM1
—
AN
LCD Analog output.
RE5/P1C(1)/COM2
RE5
ST
CMOS General purpose I/O.
P1C
—
CMOS PWM output.
COM2
—
AN
LCD Analog output.
RE6/P1B(1)/COM3
RE6
ST
—
General purpose I/O.
P1B
—
CMOS PWM output.
COM3
—
AN
LCD Analog output.
RE7/CCP2(1)/P2A(1)/SEG31
RE7
ST
CMOS General purpose I/O.
CCP2
ST
CMOS Capture/Compare/PWM.
P2A
—
CMOS PWM output.
SEG31
—
AN
LCD analog output.
RF0/AN16/CPS16/C12IN0-/
SEG41/VCAP
RF0
ST
CMOS General purpose I/O.
AN16
AN
—
A/D Channel input.
CPS16
AN
—
Capacitive sensing input.
C1IN0-
AN
—
Comparator negative input.
C2IN0-
AN
—
Comparator negative input.
SEG41
—
AN
LCD Analog output.
VCAP
Power
Power Filter capacitor for Voltage Regulator.
RF1/AN6/CPS6/C2OUT/SRNQ/
SEG19
RF1
ST
CMOS General purpose I/O.
AN6
AN
—
A/D Channel input.
CPS6
AN
—
Capacitive sensing input.
C2OUT
—
CMOS Comparator output.
SRNQ
—
CMOS SR Latch inverting output.
SEG19
—
AN
LCD Analog output.
RF2/AN7/CPS7/C1OUT/SRQ/
SEG20
RF2
ST
CMOS General purpose I/O.
AN7
AN
—
A/D Channel input.
CPS7
AN
—
Capacitive sensing input.
C1OUT
—
CMOS Comparator output.
SRQ
—
CMOS SR Latch non-inverting output.
SEG20
—
AN
LCD Analog output.
TABLE 1-2:
PIC16(L)F1946/47 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin function is selectable via the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com