Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8 Datasheet(PDF) 248 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 248 Page - Microchip Technology

Back Button SE8 Datasheet HTML 244Page - Microchip Technology SE8 Datasheet HTML 245Page - Microchip Technology SE8 Datasheet HTML 246Page - Microchip Technology SE8 Datasheet HTML 247Page - Microchip Technology SE8 Datasheet HTML 248Page - Microchip Technology SE8 Datasheet HTML 249Page - Microchip Technology SE8 Datasheet HTML 250Page - Microchip Technology SE8 Datasheet HTML 251Page - Microchip Technology SE8 Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 248
 2010-2012 Microchip Technology Inc.
24.2.2 SPI MODE OPERATION
When initializing the SPI, several options need to be
specified. This is done by programming the appropriate
control bits (SSPxCON1<5:0> and SSPxSTAT<7:6>).
These control bits allow the following to be specified:
• Master mode (SCKx is the clock output)
• Slave mode (SCKx is the clock input)
• Clock Polarity (Idle state of SCKx)
• Data Input Sample Phase (middle or end of data
output time)
• Clock Edge (output data on rising/falling edge of
SCKx)
• Clock Rate (Master mode only)
• Slave Select mode (Slave mode only)
To enable the serial port, SSPx Enable bit, SSPEN of
the SSPxCON1 register, must be set. To reset or recon-
figure SPI mode, clear the SSPEN bit, re-initialize the
SSPxCONx registers and then set the SSPEN bit. This
configures the SDIx, SDOx, SCKx and SSx pins as
serial port pins. For the pins to behave as the serial port
function, some must have their data direction bits (in
the TRIS register) appropriately programmed as
follows:
• SDIx must have corresponding TRIS bit set
• SDOx must have corresponding TRIS bit cleared
• SCKx (Master mode) must have corresponding
TRIS bit cleared
• SCKx (Slave mode) must have corresponding
TRIS bit set
• SSx must have corresponding TRIS bit set
Any serial port function that is not desired may be
overridden by programming the corresponding data
direction (TRIS) register to the opposite value.
The MSSPx consists of a transmit/receive shift register
(SSPxSR) and a buffer register (SSPxBUF). The
SSPxSR shifts the data in and out of the device, MSb
first. The SSPxBUF holds the data that was written to
the SSPxSR until the received data is ready. Once the
8 bits of data have been received, that byte is moved to
the SSPxBUF register. Then, the Buffer Full Detect bit,
BF of the SSPxSTAT register, and the interrupt flag bit,
SSPxIF, are set. This double-buffering of the received
data (SSPxBUF) allows the next byte to start reception
before reading the data that was just received. Any
write
to
the
SSPxBUF
register
during
transmission/reception of data will be ignored and the
write collision detect bit WCOL of the SSPxCON1
register, will be set. User software must clear the
WCOL bit to allow the following write(s) to the
SSPxBUF register to complete successfully.
When the application software is expecting to receive
valid data, the SSPxBUF should be read before the
next byte of data to transfer is written to the SSPxBUF.
The Buffer Full bit, BF of the SSPxSTAT register,
indicates when SSPxBUF has been loaded with the
received data (transmission is complete). When the
SSPxBUF is read, the BF bit is cleared. This data may
be irrelevant if the SPI is only a transmitter. Generally,
the MSSPx interrupt is used to determine when the
transmission/reception has completed. If the interrupt
method is not going to be used, then software polling
can be done to ensure that a write collision does not
occur.
FIGURE 24-5:
SPI MASTER/SLAVE CONNECTION
Serial Input Buffer
(BUF)
Shift Register
(SSPxSR)
MSb
LSb
SDOx
SDIx
Processor 1
SCKx
SPI Master SSPM<3:0> = 00xx
Serial Input Buffer
(SSPxBUF)
Shift Register
(SSPxSR)
LSb
MSb
SDIx
SDOx
Processor 2
SCKx
SPI Slave SSPM<3:0> = 010x
Serial Clock
SSx
Slave Select
General I/O
(optional)
= 1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com