Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8 Datasheet(PDF) 145 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 145 Page - Microchip Technology

Back Button SE8 Datasheet HTML 141Page - Microchip Technology SE8 Datasheet HTML 142Page - Microchip Technology SE8 Datasheet HTML 143Page - Microchip Technology SE8 Datasheet HTML 144Page - Microchip Technology SE8 Datasheet HTML 145Page - Microchip Technology SE8 Datasheet HTML 146Page - Microchip Technology SE8 Datasheet HTML 147Page - Microchip Technology SE8 Datasheet HTML 148Page - Microchip Technology SE8 Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 145
PIC16(L)F1946/47
12.13 PORTF Registers
PORTF is an 8-bit wide, bidirectional port. The
corresponding data direction register
is TRISF
(Register 12-21). Setting a TRISF bit (= 1) will make the
corresponding PORTF pin an input (i.e., put the
corresponding output driver in a High-Impedance mode).
Clearing a TRISF bit (= 0) will make the corresponding
PORTF pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
Example 12-1 shows how to initialize an I/O port.
Reading the PORTF register (Register 12-13) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch (LATF).
The TRISF register (Register 12-14) controls the
PORTF pin output drivers, even when they are being
used as analog inputs. The user should ensure the bits
in the TRISF register are maintained set when using
them as analog inputs. I/O pins configured as analog
inputs always read ‘0’.
12.13.1
ANSELF REGISTER
The ANSELF register (Register 12-23) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELF bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELF bits has no effect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
12.13.2
PORTF FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTF pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are shown in Table 12-13.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the highest priority.
Analog input and some digital input functions are not
included in the list below. These input functions can
remain active when the pin is configured as an output.
Certain digital input functions override other port
functions and are included in the priority list.
Note:
The ANSELF register must be initialized
to configure an analog channel as a digital
input. Pins configured as analog inputs
will read ‘0’.
TABLE 12-13: PORTF OUTPUT PRIORITY
Pin Name
Function Priority(1)
RF0
SEG41 (LCD)
RF0
RF1
C2OUT (Comparator)
SRNQ (SR Latch)
SEG19 (LCD)
RF1
RF2
C1OUT (Comparator)
SEG20 (LCD)
SRQ (SR Latch)
RF2
RF3
SEG21 (LCD)
RF3
RF4
SEG22 (LCD)
RF4
RF5
DACOUT (DAC)
SEG23 (LCD)
RF5
RF6
SEG24 (LCD)
RF6
RF7
SEG25 (LCD)
RF7
Note 1:
Priority listed from highest to lowest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com