Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8 Datasheet(PDF) 189 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 189 Page - Microchip Technology

Back Button SE8 Datasheet HTML 185Page - Microchip Technology SE8 Datasheet HTML 186Page - Microchip Technology SE8 Datasheet HTML 187Page - Microchip Technology SE8 Datasheet HTML 188Page - Microchip Technology SE8 Datasheet HTML 189Page - Microchip Technology SE8 Datasheet HTML 190Page - Microchip Technology SE8 Datasheet HTML 191Page - Microchip Technology SE8 Datasheet HTML 192Page - Microchip Technology SE8 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 189
PIC16(L)F1946/47
19.0 SR LATCH
The module consists of a single SR Latch with multiple
Set and Reset inputs as well as separate latch outputs.
The SR Latch module includes the following features:
• Programmable input selection
• SR Latch output is available externally
• Separate Q and Q outputs
• Firmware Set and Reset
The SR Latch can be used in a variety of analog appli-
cations, including oscillator circuits, one-shot circuit,
hysteretic controllers, and analog timing applications.
19.1
Latch Operation
The latch is a Set-Reset Latch that does not depend on
a clock source. Each of the Set and Reset inputs are
active-high. The latch can be set or reset by:
• Software control (SRPS and SRPR bits)
• Comparator C1 output (sync_C1OUT)
• Comparator C2 output (sync_C2OUT)
•SRI pin
• Programmable clock (SRCLK)
The SRPS and the SRPR bits of the SRCON0 register
may be used to set or reset the SR Latch, respectively.
The latch is Reset-dominant. Therefore, if both Set and
Reset inputs are high, the latch will go to the Reset
state. Both the SRPS and SRPR bits are self resetting
which means that a single write to either of the bits is all
that is necessary to complete a latch Set or Reset oper-
ation.
The output from Comparator C1 or C2 can be used as
the Set or Reset inputs of the SR Latch. The output of
either comparator can be synchronized to the Timer1
clock source. See Section 18.0 “Comparator Mod-
ule”
and Section 21.0 “Timer1 Module with Gate
Control” for more information.
An external source on the SRI pin can be used as the
Set or Reset inputs of the SR Latch.
An internal clock source is available that can periodically
set or reset the SR Latch. The SRCLK<2:0> bits in the
SRCON0 register are used to select the clock source
period. The SRSCKE and SRRCKE bits of the SRCON1
register enable the clock source to set or reset the SR
Latch, respectively.
19.2
Latch Output
The SRQEN and SRNQEN bits of the SRCON0 regis-
ter control the Q and Q latch outputs. Both of the SR
Latch outputs may be directly output to an I/O pin at the
same time.
The applicable TRIS bit of the corresponding port must
be cleared to enable the port pin output driver.
19.3
Effects of a Reset
Upon any device Reset, the SR Latch output is not ini-
tialized to a known state. The user’s firmware is
responsible for initializing the latch output before
enabling the output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com