Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE33 Datasheet(PDF) 211 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 211 Page - Microchip Technology

Back Button SE33 Datasheet HTML 207Page - Microchip Technology SE33 Datasheet HTML 208Page - Microchip Technology SE33 Datasheet HTML 209Page - Microchip Technology SE33 Datasheet HTML 210Page - Microchip Technology SE33 Datasheet HTML 211Page - Microchip Technology SE33 Datasheet HTML 212Page - Microchip Technology SE33 Datasheet HTML 213Page - Microchip Technology SE33 Datasheet HTML 214Page - Microchip Technology SE33 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 211
PIC16(L)F1946/47
22.0 TIMER2/4/6 MODULES
There are up to three identical Timer2-type modules
available. To maintain pre-existing naming conventions,
the Timers are called Timer2, Timer4 and Timer6 (also
Timer2/4/6).
The Timer2/4/6 modules incorporate the following
features:
• 8-bit Timer and Period registers (TMRx and PRx,
respectively)
• Readable and writable (both registers)
• Software programmable prescaler (1:1, 1:4, 1:16
and 1:64)
• Software programmable postscaler (1:1 to 1:16)
• Interrupt on TMRx match with PRx, respectively
• Optional use as the shift clock for the MSSPx
modules (Timer2 only)
See Figure 22-1 for a block diagram of Timer2/4/6.
FIGURE 22-1:
TIMER2/4/6 BLOCK DIAGRAM
Note:
The ‘x’ variable used in this section is
used to designate Timer2, Timer4, or
Timer6. For example, TxCON references
T2CON, T4CON or T6CON. PRx refer-
ences PR2, PR4 or PR6.
Comparator
TMRx Output
Sets Flag bit TMRxIF
TMRx
Reset
Postscaler
Prescaler
PRx
2
FOSC/4
1:1 to 1:16
1:1, 1:4, 1:16, 1:64
EQ
4
TxOUTPS<3:0>
TxCKPS<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com