Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE33 Datasheet(PDF) 17 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 17 Page - Microchip Technology

Back Button SE33 Datasheet HTML 13Page - Microchip Technology SE33 Datasheet HTML 14Page - Microchip Technology SE33 Datasheet HTML 15Page - Microchip Technology SE33 Datasheet HTML 16Page - Microchip Technology SE33 Datasheet HTML 17Page - Microchip Technology SE33 Datasheet HTML 18Page - Microchip Technology SE33 Datasheet HTML 19Page - Microchip Technology SE33 Datasheet HTML 20Page - Microchip Technology SE33 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 17
PIC16(L)F1946/47
RF3/AN8/CPS8/C123IN2-/
SEG21
RF3
ST
CMOS General purpose I/O.
AN8
AN
—
A/D Channel input.
CPS8
AN
—
Capacitive sensing input.
C1IN2-
AN
—
Comparator negative input.
C2IN2-
AN
—
Comparator negative input.
C3IN2-
AN
—
Comparator negative input.
SEG21
—
AN
LCD Analog output.
RF4/AN9/CPS9/C2IN+/SEG22
RF4
ST
CMOS General purpose I/O.
AN9
AN
—
A/D Channel input.
CPS9
AN
—
Capacitive sensing input.
C2IN+
AN
—
Comparator positive input.
SEG22
—
AN
LCD Analog output.
RF5/AN10/CPS10/C12IN1-/
DACOUT/SEG23
RF5
ST
CMOS General purpose I/O.
AN10
AN
—
A/D Channel input.
CPS10
AN
—
Capacitive sensing input.
C1IN1-
AN
—
Comparator negative input.
C2IN1-
AN
—
Comparator negative input.
DACOUT
—
AN
Voltage Reference output.
SEG23
—
AN
LCD Analog output.
RF6/AN11/CPS11/C1IN+/SEG24
RF6
ST
CMOS General purpose I/O.
AN11
AN
—
A/D Channel input.
CPS11
AN
—
Capacitive sensing input.
C1IN+
AN
—
Comparator positive input.
SEG24
—
AN
LCD Analog output.
RF7/AN5/CPS5/C123IN3-/SS1/
SEG25
RF7
ST
CMOS General purpose I/O.
AN5
AN
—
A/D Channel input.
CPS5
AN
—
Capacitive sensing input.
C1IN3-
AN
—
Comparator negative input.
C2IN3-
AN
—
Comparator negative input.
C3IN3-
AN
—
Comparator negative input.
SS1
ST
—
Slave Select input.
SEG25
—
AN
LCD Analog output.
RG0/CCP3/P3A/SEG42
RG0
ST
CMOS General purpose I/O.
CCP3
ST
CMOS Capture/Compare/PWM.
P3A
—
CMOS PWM output.
SEG42
—
AN
LCD Analog output.
RG1/AN15/CPS15/TX2/CK2/
C3OUT/SEG43
RG1
ST
CMOS General purpose I/O.
AN15
AN
—
A/D Channel input.
CPS15
AN
—
Capacitive sensing input.
TX2
—
CMOS USART2 asynchronous transmit.
CK2
ST
CMOS USART2 synchronous clock.
C3OUT
—
CMOS Comparator output.
SEG43
—
AN
LCD Analog output.
TABLE 1-2:
PIC16(L)F1946/47 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin function is selectable via the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com