Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE33 Datasheet(PDF) 60 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 60 Page - Microchip Technology

Back Button SE33 Datasheet HTML 56Page - Microchip Technology SE33 Datasheet HTML 57Page - Microchip Technology SE33 Datasheet HTML 58Page - Microchip Technology SE33 Datasheet HTML 59Page - Microchip Technology SE33 Datasheet HTML 60Page - Microchip Technology SE33 Datasheet HTML 61Page - Microchip Technology SE33 Datasheet HTML 62Page - Microchip Technology SE33 Datasheet HTML 63Page - Microchip Technology SE33 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 478 page
background image
PIC16(L)F1946/1947
DS41414D-page 60
 2010-2012 Microchip Technology Inc.
4.6
Device ID and Revision ID
The memory location 8006h is where the Device ID and
Revision ID are stored. The upper nine bits hold the
Device ID. The lower five bits hold the Revision ID. See
Section 11.5 “User ID, Device ID and Configuration
Word Access” for more information on accessing
these memory locations.
Development tools, such as device programmers and
debuggers, may be used to read the Device ID and
Revision ID.
4.7
Register Definitions: Device ID
REGISTER 4-3:
DEVICEID: DEVICE ID REGISTER
RRRRRR
DEV<8:3>
bit 13
bit 8
RRRRRRRR
DEV<2:0>
REV<4:0>
bit 7
bit 0
Legend:
R = Readable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
-n = Value when blank or after Bulk Erase
bit 13-5
DEV<8:0>: Device ID bits
bit 4-0
REV<4:0>: Revision ID bits
These bits are used to identify the revision (see Table under DEV<8:0> above).
Device
DEVICEID<13:0> Values
DEV<8:0>
REV<4:0>
PIC16F1946
10 0011 001
x xxxx
PIC16F1947
10 0011 010
x xxxx
PIC16LF1946
10 0011 011
x xxxx
PIC16LF1947
10 0011 100
x xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com