Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE33 Datasheet(PDF) 336 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 336 Page - Microchip Technology

Back Button SE33 Datasheet HTML 332Page - Microchip Technology SE33 Datasheet HTML 333Page - Microchip Technology SE33 Datasheet HTML 334Page - Microchip Technology SE33 Datasheet HTML 335Page - Microchip Technology SE33 Datasheet HTML 336Page - Microchip Technology SE33 Datasheet HTML 337Page - Microchip Technology SE33 Datasheet HTML 338Page - Microchip Technology SE33 Datasheet HTML 339Page - Microchip Technology SE33 Datasheet HTML 340Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 336
 2010-2012 Microchip Technology Inc.
TABLE 27-1:
LCD SEGMENT AND DATA
REGISTERS
The LCDCON register (Register 27-1) controls the
operation of the LCD driver module. The LCDPS regis-
ter (Register 27-2) configures the LCD clock source
prescaler and the type of waveform; Type-A or Type-B.
The LCDSEn registers (Register 27-5) configure the
functions of the port pins.
The following LCDSEn registers are available:
• LCDSE0 SE<7:0>
• LCDSE1 SE<15:8>
•
LCDSE2 SE<23:16>(1)
• LCDSE3 SE<31:24>
• LCDSE4 SE<39:32>
• LCDSE5 SE<45:40>
Once the module is initialized for the LCD panel, the
individual bits of the LCDDATAn registers are
cleared/set to represent a clear/dark pixel, respectively:
• LCDDATA0
SEG<7:0>COM0
• LCDDATA1
SEG<15:8>COM0
• LCDDATA2
SEG<23:16>COM0
• LCDDATA3
SEG<7:0>COM1
• LCDDATA4
SEG<15:8>COM1
• LCDDATA5
SEG<23:16>COM1
• LCDDATA6
SEG<7:0>COM2
• LCDDATA7
SEG<15:8>COM2
• LCDDATA8
SEG<23:16>COM2
• LCDDATA9
SEG<7:0>COM3
• LCDDATA10 SEG<15:8>COM3
• LCDDATA11 SEG<23:16>COM3
• LCDDATA12 SEG<31:24>COM0
• LCDDATA13 SEG<39:32>COM0
• LCDDATA14 SEG<45:40>COM0
• LCDDATA15 SEG<31:24>COM1
• LCDDATA16 SEG<39:32>COM1
• LCDDATA17 SEG<45:40>COM1
• LCDDATA18 SEG<31:24>COM2
• LCDDATA19 SEG<39:32>COM2
• LCDDATA20 SEG<45:40>COM2
• LCDDATA21 SEG<31:24>COM3
• LCDDATA22 SEG<39:32>COM3
• LCDDATA23 SEG<45:40>COM3
As
an
example,
LCDDATAn
is
detailed
in
Register 27-6.
Once the module is configured, the LCDEN bit of the
LCDCON register is used to enable or disable the LCD
module. The LCD panel can also operate during Sleep
by clearing the SLPEN bit of the LCDCON register.
Device
# of LCD Registers
Segment
Enable
Data
PIC16(L)F1946/47
6
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com