Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE33 Datasheet(PDF) 343 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 343 Page - Microchip Technology

Back Button SE33 Datasheet HTML 339Page - Microchip Technology SE33 Datasheet HTML 340Page - Microchip Technology SE33 Datasheet HTML 341Page - Microchip Technology SE33 Datasheet HTML 342Page - Microchip Technology SE33 Datasheet HTML 343Page - Microchip Technology SE33 Datasheet HTML 344Page - Microchip Technology SE33 Datasheet HTML 345Page - Microchip Technology SE33 Datasheet HTML 346Page - Microchip Technology SE33 Datasheet HTML 347Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 343
PIC16(L)F1946/47
27.4
LCD Bias Voltage Generation
The LCD module can be configured for one of three
bias types:
• Static Bias (2 voltage levels: VSS and VLCD)
• 1/2 Bias (3 voltage levels: VSS, 1/2 VLCD and
VLCD)
• 1/3 Bias (4 voltage levels: VSS, 1/3 VLCD,
2/3 VLCD and VLCD)
TABLE 27-2:
LCD BIAS VOLTAGES
So that the user is not forced to place external compo-
nents and use up to three pins for bias voltage generation,
internal contrast control and an internal reference ladder
are provided internally to the PIC16(L)F1946/47. Both of
these features may be used in conjunction with the exter-
nal VLCD<3:1> pins, to provide maximum flexibility. Refer
to Figure 27-3.
FIGURE 27-3:
LCD BIAS VOLTAGE GENERATION BLOCK DIAGRAM
Static Bias
1/2 Bias
1/3 Bias
LCD Bias 0
VSS
VSS
VSS
LCD Bias 1
—1/2 VDD
1/3 VDD
LCD Bias 2
—1/2 VDD
2/3 VDD
LCD Bias 3
VLCD3VLCD3VLCD3
VDD
LCDIRE
x 3
3.072V
1.024V from
FVR
VLCD3
LCDIRS
LCDIRE
LCDIRS
LCDCST<2:0>
VLCD3PE
VLCD2
VLCD2PE
VLCD1
VLCD1PE
BIASMD
lcdbias3
lcdbias2
lcdbias1
lcdbias0
LCDA
LCDA
LCDA
A
B
Power Mode Switching
(LRLAP or LRLBP)
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com