Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE33 Datasheet(PDF) 103 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 103 Page - Microchip Technology

Back Button SE33 Datasheet HTML 99Page - Microchip Technology SE33 Datasheet HTML 100Page - Microchip Technology SE33 Datasheet HTML 101Page - Microchip Technology SE33 Datasheet HTML 102Page - Microchip Technology SE33 Datasheet HTML 103Page - Microchip Technology SE33 Datasheet HTML 104Page - Microchip Technology SE33 Datasheet HTML 105Page - Microchip Technology SE33 Datasheet HTML 106Page - Microchip Technology SE33 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 103
PIC16(L)F1946/47
8.0
LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The PIC16F1946/47 has an internal Low Dropout
Regulator (LDO) which provides operation above 3.6V.
The LDO regulates a voltage for the internal device
logic while permitting the VDD and I/O pins to operate
at a higher voltage. There is no user enable/disable
control available for the LDO, it is always active. The
PIC16LF1946/47 operates at a maximum VDD of 3.6V
and does not incorporate an LDO.
A device I/O pin may be configured as the LDO voltage
output, identified as the VCAP pin. Although not
required, an external low-ESR capacitor may be con-
nected to the VCAP pin for additional regulator stability.
The VCAPEN bit of Configuration Words enables or dis-
ables the VCAP pin. Refer to Table 8-1.
On power-up, the external capacitor will load the LDO
voltage regulator. To prevent erroneous operation, the
device is held in Reset while a constant current source
charges the external capacitor. After the cap is fully
charged, the device is released from Reset. For more
information on the constant current rate, refer to the
LDO Regulator Characteristics Table in Section 30.0
“Electrical Specifications”.
TABLE 8-2:
SUMMARY OF CONFIGURATION WORD WITH LDO
TABLE 8-1:
VCAPEN SELECT BIT
VCAPEN
Pin
0
RF0
1
No Vcap
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG2
13:8
—
—
LVP
DEBUG
—
BORV
STVREN
PLLEN
58
7:0
—
—
—VCAPEN
—
—
WRT1
WRT0
Legend:
— = unimplemented locations read as ‘0’. Shaded cells are not used by LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com