Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE33 Datasheet(PDF) 132 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 132 Page - Microchip Technology

Back Button SE33 Datasheet HTML 128Page - Microchip Technology SE33 Datasheet HTML 129Page - Microchip Technology SE33 Datasheet HTML 130Page - Microchip Technology SE33 Datasheet HTML 131Page - Microchip Technology SE33 Datasheet HTML 132Page - Microchip Technology SE33 Datasheet HTML 133Page - Microchip Technology SE33 Datasheet HTML 134Page - Microchip Technology SE33 Datasheet HTML 135Page - Microchip Technology SE33 Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 132
 2010-2012 Microchip Technology Inc.
TABLE 12-3:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
TABLE 12-4:
SUMMARY OF CONFIGURATION WORD WITH PORTA
REGISTER 12-5:
ANSELA: PORTA ANALOG SELECT REGISTER
U-0
U-0
R/W-1/1
U-0
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
—
—
ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5
ANSA5: Analog Select between Analog or Digital Function on pins RA<5>, respectively
0 = Digital I/O. Pin is assigned to port or digital special function.
1 = Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
bit 4
Unimplemented: Read as ‘0’
bit 3-0
ANSA<3:0>: Analog Select between Analog or Digital Function on pins RA<3:0>, respectively
0 = Digital I/O. Pin is assigned to port or digital special function.
1 = Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
Note 1:
When setting a pin to an analog input, the corresponding TRIS bit must be set to Input mode in order to
allow external control of the voltage on the pin.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS<4:0>
GO/DONE
ADON
168
ADCON1
ADFM
ADCS<2:0>
—
—
ADPREF<1:0>
169
ANSELA
—
—ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
132
CPSCON0
CPSON
CPSRM
—
—
CPSRNG1 CPSRNG0
CPSOUT
T0XCS
333
CPSCON1
—
—
—
CPSCH<4:0>
334
DACCON0
DACEN
DACLPS
DACOE
---
DACPSS<1:0>
---
DACNSS
178
LATA
LATA7
LATA6
LATA5
LATA4
LATA3
LATA2
LATA1
LATA0
131
LCDSE1
SE15
SE14
SE13
SE12
SE11
SE10
SE9
SE8
341
LCDSE2
SE23
SE22
SE21
SE20
SE19
SE18
SE17
SE16
341
LCDSE4
SE39
SE38
SE37
SE36
SE35
SE34
SE33
SE32
341
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS<2:0>
197
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
131
TRISA
TRISA7TRISA6TRISA5TRISA4TRISA3TRISA2TRISA1TRISA0
131
Legend:
x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG1
13:8
—
—
FCMEN
IESO
CLKOUTEN
BOREN<1:0>
CPD
56
7:0
CP
MCLRE
PWRTE
WDTE<1:0>
FOSC<2:0>
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com