Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02UID Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA02UID
Description  2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02UID Datasheet(HTML) 1 Page - Microchip Technology

  24AA02UID Datasheet HTML 1Page - Microchip Technology 24AA02UID Datasheet HTML 2Page - Microchip Technology 24AA02UID Datasheet HTML 3Page - Microchip Technology 24AA02UID Datasheet HTML 4Page - Microchip Technology 24AA02UID Datasheet HTML 5Page - Microchip Technology 24AA02UID Datasheet HTML 6Page - Microchip Technology 24AA02UID Datasheet HTML 7Page - Microchip Technology 24AA02UID Datasheet HTML 8Page - Microchip Technology 24AA02UID Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2013 Microchip Technology Inc.
DS20005202A-page 1
24AA02UID/24AA025UID
Device Selection Table
Features:
• Preprogrammed 32-Bit Serial Number:
- Unique across all UID-family EEPROMs
- Scalable to 48-bit, 64-bit, 128-bit, 256-bit,
and other lengths
• Single Supply with Operation Down to 1.7V
• Low-Power CMOS Technology:
- Read current 1 mA, max.
- Standby current 1
A, max.
• 2-Wire Serial Interface, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 3 ms, typical
• Self-Timed Erase/Write Cycle
• Page Write Buffer:
- 8-byte page (24AA02UID)
- 16-byte page (24AA025UID)
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Available Packages:
- 8-lead PDIP, 8-lead SOIC, and 5-lead
SOT-23 (24AA02UID)
- 8-lead PDIP, 8-lead SOIC, and 6-lead
SOT-23 (24AA025UID)
• RoHS Compliant
• Temperature Ranges:
- Industrial (I):
-40°C to +85°C
Description:
The
Microchip
Technology
Inc.
24AA02UID/
24AA025UID (24AA02XUID*) is a 2 Kbit Electrically
Erasable PROM with a preprogrammed, 32-bit
unique ID. The device is organized as two blocks of
128 x 8-bit memory with a 2-wire serial interface.
Low-voltage design permits operation down to 1.7V,
with maximum standby and active currents of only
1
A and 1 mA, respectively. The 24AA02XUID also
has a page write capability for up to eight bytes of
data
(16
bytes
on
the
24AA025UID).
The
24AA02XUID is available in the standard 8-pin PDIP,
8-pin SOIC, 5-lead SOT-23, and 6-lead SOT-23
packages.
Package Types (24AA02UID)
Package Types (24AA025UID)
Part Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
Cascadable
Page Size
Unique ID
Length
24AA02UID
1.7-5.5V
400 kHz(1)
INo
8-Byte
32-Bit
24AA025UID
1.7-5.5V
400 kHz(1)
I
Yes
16-Byte
32-Bit
Note 1:
100 kHz for VCC <2.5V
PDIP/SOIC
NC
NC
NC
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
SOT-23
15
4
3
SCL
Vss
SDA
NC
Vcc
2
PDIP/SOIC
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
SOT-23
VCC
SCL
SDA
VSS
A0
A1
1
2
3
4
5
6
2K I2C™ Serial EEPROMs with Unique 32-bit Serial Number
*24AA02XUID is used in this document as a generic
part number for the 24AA02UID/24AA025UID devices.


Similar Part No. - 24AA02UID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA02 MICROCHIP-24AA02 Datasheet
74Kb / 12P
1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24AA02 MICROCHIP-24AA02 Datasheet
337Kb / 24P
2K I2C Serial EEPROM
2003
24AA02 MICROCHIP-24AA02 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02 Datasheet
324Kb / 26P
2K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24AA02UID

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
2K 2.5V CMOS Serial EEPROMs
logo
Rohm
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
I2C BUS Serial EEPROMs
logo
Microchip Technology
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
logo
ATMEL Corporation
AT24MAC402 ATMEL-AT24MAC402_14 Datasheet
1Mb / 29P
Plus an Embedded Unique 128-bit Serial Number
AT24MAC602 ATMEL-AT24MAC602_14 Datasheet
1Mb / 29P
Plus an Embedded Unique 128-bit Serial Number
logo
Microchip Technology
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com