Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA025UID Datasheet(PDF) 27 Page - Microchip Technology

Part # 24AA025UID
Description  2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025UID Datasheet(HTML) 27 Page - Microchip Technology

Back Button 24AA025UID Datasheet HTML 22Page - Microchip Technology 24AA025UID Datasheet HTML 23Page - Microchip Technology 24AA025UID Datasheet HTML 24Page - Microchip Technology 24AA025UID Datasheet HTML 25Page - Microchip Technology 24AA025UID Datasheet HTML 26Page - Microchip Technology 24AA025UID Datasheet HTML 27Page - Microchip Technology 24AA025UID Datasheet HTML 28Page - Microchip Technology 24AA025UID Datasheet HTML 29Page - Microchip Technology 24AA025UID Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2013 Microchip Technology Inc.
DS20005202A-page27
24AA02UID/24AA025UID
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA02UID
= 1.7V, 2 Kbit I2C™ Serial EEPROM
with 32-bit Serial Number
24AA02UIDT = 1.7V, 2 Kbit I2C Serial EEPROM
with 32-bit Serial Number (Tape
and Reel)
24AA025UID = 1.7V, 2 Kbit I2C Serial EEPROM with
32-bit Serial Number and Address
Pins
24AA025UIDT = 1.7V, 2 Kbit I2C Serial EEPROM with
32-bit Serial Number and Address
Pins (Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (3.90 mm body), 8-lead
OT
=
SOT-23 (Tape and Reel only)
Examples:
a)
24AA02UID-I/SN: 2k-bit, 8-byte page,
Serial EEPROM with 32-bit Serial
Number, Industrial Temperature, 1.7V,
SOIC package
b)
24AA02UIDT-I/OT: 2k-bit, 8-byte page,
Serial EEPROM with 32-bit Serial
Number, Industrial Temperature, 1.7V,
SOT-23 package, tape and reel
c)
24AA025UID-I/SN:
2k-bit, 16-byte page,
Serial EEPROM with 32-bit Serial
Number, Industrial Temperature, 1.7V,
Cascadable, SOIC package
d)
24AA025UID-I/P: 2k-bit, 16-byte page,
Serial EEPROM with 32-bit Serial
Number, Industrial Temperature, 1.7V,
Cascadable, PDIP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com