Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA025UID Datasheet(PDF) 14 Page - Microchip Technology

Part # 24AA025UID
Description  2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025UID Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24AA025UID Datasheet HTML 10Page - Microchip Technology 24AA025UID Datasheet HTML 11Page - Microchip Technology 24AA025UID Datasheet HTML 12Page - Microchip Technology 24AA025UID Datasheet HTML 13Page - Microchip Technology 24AA025UID Datasheet HTML 14Page - Microchip Technology 24AA025UID Datasheet HTML 15Page - Microchip Technology 24AA025UID Datasheet HTML 16Page - Microchip Technology 24AA025UID Datasheet HTML 17Page - Microchip Technology 24AA025UID Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
24AA02UID/24AA025UID
DS20005202A-page 14
 2013 Microchip Technology Inc.
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
Part Number
1st Line Marking Code
SOT-23
SOIC
PDIP
I Temp.
I Temp.
I Temp.
24AA02UID
AAAFY
24A2UIDT
24AA02ID
24AA025UID
AAAEY
4A25UIDT
24A25UID
Note:
NN = Alphanumeric traceability code
8-Lead SOIC (3.90 mm)
Example:
XXXXXXXT
XXXXYYWW
NNN
24A2UIDI
SN
1327
1L7
3
e
5-Lead SOT-23
XXXXY
Example:
AAAF3
WWNNN
271L7
6-Lead SOT-23
XXXXY
Example:
AAAE3
WWNNN
271L7
XXXXXXXX
TXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
I/P
1L7
1327
3
e
24AA02ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com