Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1650_13 Datasheet HTML 17Page - Microchip Technology MCP1650_13 Datasheet HTML 18Page - Microchip Technology MCP1650_13 Datasheet HTML 19Page - Microchip Technology MCP1650_13 Datasheet HTML 20Page - Microchip Technology MCP1650_13 Datasheet HTML 21Page - Microchip Technology MCP1650_13 Datasheet HTML 22Page - Microchip Technology MCP1650_13 Datasheet HTML 23Page - Microchip Technology MCP1650_13 Datasheet HTML 24Page - Microchip Technology MCP1650_13 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
 2004-2013 Microchip Technology Inc.
DS21876B-page 21
MCP1650/51/52/53
Figure 6-2 represents the top wiring for the MCP1650/
51/52/53 application shown.
As shown in Figure 6-2, the high-current wiring is short
and wide. In this example, a 1 oz. copper layer is used
for both the top and bottom layers. The ground plane
connected to C2 and R4 are connected through the
vias (holes) connecting the top and bottom layer. The
feedback signal (from TP2) is wired from the output of
the regulator around the high current switching section
to the feedback voltage divider and to the FB pin of the
MCP1650/51/52/53.
FIGURE 6-2:
Top Layer Wiring.
Figure 6-3 represents the bottom wiring for the
MCP1650/51/52/53 application shown.
Silk-screen reference designator labels are transparent
from the top of the board. The analog ground plane and
power ground plane are connected near the ground
connection of the input capacitor (C2). This prevents
high-power, ground-circulating currents from flowing
through the analog ground plane.
FIGURE 6-3:
Bottom Layer Wiring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com