Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1650_13 Datasheet HTML 5Page - Microchip Technology MCP1650_13 Datasheet HTML 6Page - Microchip Technology MCP1650_13 Datasheet HTML 7Page - Microchip Technology MCP1650_13 Datasheet HTML 8Page - Microchip Technology MCP1650_13 Datasheet HTML 9Page - Microchip Technology MCP1650_13 Datasheet HTML 10Page - Microchip Technology MCP1650_13 Datasheet HTML 11Page - Microchip Technology MCP1650_13 Datasheet HTML 12Page - Microchip Technology MCP1650_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2004-2013 Microchip Technology Inc.
DS21876B-page 9
MCP1650/51/52/53
Note: Unless otherwise indicated, VIN = 3.3V, VOUT = 12V, CIN = 10 µF (x5R or X7R Ceramic), COUT = 10 µF (X5R or X7R),
IOUT = 10 mA, L = 3.3 µH, SHDN > VIH, TA = +25°C.
FIGURE 2-13:
Dynamic Line Response.
FIGURE 2-14:
Power-Up Timing (Input
Voltage).
FIGURE 2-15:
Power-Up Timing
(Shutdown).
FIGURE 2-16:
Efficiency vs. Input Voltage.
FIGURE 2-17:
Efficiency vs. Load Current.
FIGURE 2-18:
Output Voltage vs. Input
Voltage (Line Regulation).
75
77
79
81
83
85
87
89
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Votlage (V)
TA = 25°C
IOUT = 100 mA
60
65
70
75
80
85
90
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
Load Current (mA)
TA = 25°C
VIN = 3.3V
12.10
12.11
12.12
12.13
12.14
12.15
12.16
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
TA = 25°C
IOUT = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com