Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6471 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP6471
Description  2 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6471 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP6471 Datasheet HTML 41Page - Microchip Technology MCP6471 Datasheet HTML 42Page - Microchip Technology MCP6471 Datasheet HTML 43Page - Microchip Technology MCP6471 Datasheet HTML 44Page - Microchip Technology MCP6471 Datasheet HTML 45Page - Microchip Technology MCP6471 Datasheet HTML 46Page - Microchip Technology MCP6471 Datasheet HTML 47Page - Microchip Technology MCP6471 Datasheet HTML 48Page - Microchip Technology MCP6471 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002324C-page 45
MCP6471/2/4
APPENDIX A:
REVISION HISTORY
Revision C (June 2013)
The following is the list of modifications:
1.
Added new devices to the family (MCP6472 and
MCP6474) and related information throughout
the document.
2.
Updated
thermal
package
resistance
information in Table 1-3.
3.
Added
Figure 2-35
in
Section 2.0,
Typical
Performance Curves.
4.
Updated Section 3.0, Pin Descriptions.
5.
Added new Section 4.5, Unused Op Amps.
6.
Updated the list of reference documents in
Section 5.5, Application Notes.
7.
Added package markings and drawings for the
MCP6472 and MCP6474 devices.
8.
Updated Product Identification System.
Revision B (October 2012)
The following is the list of modifications:
1.
Updated the maximum low input offset voltage
value in the Features.
2.
Updated the minimum and maximum input
offset voltage in TABLE 1-1: “DC Electrical
Specifications”.
Revision A (September 2012)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com