Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6471 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6471
Description  2 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6471 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6471 Datasheet HTML 1Page - Microchip Technology MCP6471 Datasheet HTML 2Page - Microchip Technology MCP6471 Datasheet HTML 3Page - Microchip Technology MCP6471 Datasheet HTML 4Page - Microchip Technology MCP6471 Datasheet HTML 5Page - Microchip Technology MCP6471 Datasheet HTML 6Page - Microchip Technology MCP6471 Datasheet HTML 7Page - Microchip Technology MCP6471 Datasheet HTML 8Page - Microchip Technology MCP6471 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002324C-page 1
MCP6471/2/4
Features
• Low-Input Bias Current
- 150 pA (typical, TA = +125°C)
• Low Quiescent Current
- 100 µA/amplifier (typical)
• Low-Input Offset Voltage
- ±1.5 mV (maximum)
• Supply Voltage Range: 2.0V to 5.5V
• Rail-to-Rail Input/Output
• Gain Bandwidth Product: 2 MHz (typical)
• Slew Rate: 1.1 V/µs (typical)
• Unity Gain Stable
• No Phase Reversal
• Small Packages
- Singles in SC70-5, SOT-23-5
• Extended Temperature Range
- -40°C to +125°C
Applications
• Photodiode Amplifier
• pH Electrode Amplifier
• Low Leakage Amplifier
• Piezoelectric Transducer Amplifier
• Active Analog Filter
• Battery-Powered Signal Conditioning
Design Aids
• SPICE Macro Models
•FilterLab® Software
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Description
The Microchip MCP6471/2/4 family of operational
amplifiers (op amps) has low-input bias current
(150 pA, typical at 125°C) and rail-to-rail input and
output operation. This family is unity gain stable and
has a gain bandwidth product of 2 MHz (typical). These
devices operate with a single-supply voltage as low as
2.0V, while only drawing 100 µA/amplifier (typical) of
quiescent current. These features make the family of
op amps well suited for photodiode amplifier, pH
electrode amplifier, low leakage amplifier, and battery-
powered signal conditioning applications, etc.
The
MCP6471/2/4
family
is
offered
in
single
(MCP6471),
dual
(MCP6472),
quad
(MCP6474)
packages. All devices are designed using an advanced
CMOS process and fully specified in extended
temperature range from -40°C to +125°C.
Related Parts
• MCP6481/2/4: 4 MHz, Low-Input Bias Current Op
Amps
• MCP6491/2/4: 7.5 MHz, Low-Input Bias Current
Op Amps
Package Types
5
4
1
2
3
VDD
VIN+
VSS
VOUT
1
2
3
45
6
7
8
MCP6472
2x3 TDFN*
1
2
3
4
8
7
6
5
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
1
2
3
411
12
13
14
5
4
1
2
3
MCP6471
SC70, SOT-23
MCP6474
SOIC, TSSOP
MCP6472
SOIC, MSOP
VIN
VOUTA
VINA
VINA+
VSS
VINB+
VINB
VOUTB
VDD
VOUTA
VINA
VINA+
VSS
VINB+
VINB
VOUTB
VDD
5
6
7
8
9
10
VOUTA
VINA
VINA+
VDD
VINB+
VINB
VOUTB
VOUTC
VOUTD
VIND
VINC
VINC+
VIND+
VSS
2 MHz, Low-Input Bias Current Op Amps


Similar Part No. - MCP6471

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6476 MICROCHIP-MCP6476 Datasheet
1Mb / 46P
3 MHz Operational Amplifier with EMI Filtering
02/28/20
MCP6476R MICROCHIP-MCP6476R Datasheet
1Mb / 46P
3 MHz Operational Amplifier with EMI Filtering
02/28/20
MCP6476RT MICROCHIP-MCP6476RT Datasheet
1Mb / 46P
3 MHz Operational Amplifier with EMI Filtering
02/28/20
MCP6476RT-E/OT MICROCHIP-MCP6476RT-E/OT Datasheet
1Mb / 46P
3 MHz Operational Amplifier with EMI Filtering
02/28/20
MCP6476T MICROCHIP-MCP6476T Datasheet
1Mb / 46P
3 MHz Operational Amplifier with EMI Filtering
02/28/20
More results

Similar Description - MCP6471

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
Low Input Bias Current Op Amps
July 25, 2011
logo
Microchip Technology
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6491 MICROCHIP-MCP6491 Datasheet
1Mb / 50P
7.5 MHz, Low-Input Bias Current Op Amps
2012-2013
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
Low Input Bias Current Op Amp
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
Low Input Bias Current Op Amp
TLV387 TI-TLV387 Datasheet
1Mb / 20P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com