Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6472 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP6472
Description  2 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6472 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP6472 Datasheet HTML 20Page - Microchip Technology MCP6472 Datasheet HTML 21Page - Microchip Technology MCP6472 Datasheet HTML 22Page - Microchip Technology MCP6472 Datasheet HTML 23Page - Microchip Technology MCP6472 Datasheet HTML 24Page - Microchip Technology MCP6472 Datasheet HTML 25Page - Microchip Technology MCP6472 Datasheet HTML 26Page - Microchip Technology MCP6472 Datasheet HTML 27Page - Microchip Technology MCP6472 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
MCP6471/2/4
DS20002324C-page 24
 2012-2013 Microchip Technology Inc.
8-Lead TDFN (2x3x0.75 mm) (MCP6472 only)
Example
ABY
320
25
Part Number
Code
MCP6472T-E/MNY
ABY
14-Lead SOIC (3.90 mm) (MCP6474 only)
Example
MCP6474
E/SL
1320256
14-Lead TSSOP (4.4 mm) (MCP6474 only)
Example
YYWW
NNN
XXXXXXXX
6474E/ST
1320
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com