Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6472 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6472
Description  2 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6472 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6472 Datasheet HTML 1Page - Microchip Technology MCP6472 Datasheet HTML 2Page - Microchip Technology MCP6472 Datasheet HTML 3Page - Microchip Technology MCP6472 Datasheet HTML 4Page - Microchip Technology MCP6472 Datasheet HTML 5Page - Microchip Technology MCP6472 Datasheet HTML 6Page - Microchip Technology MCP6472 Datasheet HTML 7Page - Microchip Technology MCP6472 Datasheet HTML 8Page - Microchip Technology MCP6472 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MCP6471/2/4
DS20002324C-page 4
 2012-2013 Microchip Technology Inc.
Output
High-Level Output Voltage
VOH
1.980
1.996
—
V
VDD =2.0V
0.5V input overdrive
5.480
5.493
—
V
VDD =5.5V
0.5V input overdrive
Low-Level Output Voltage
VOL
—
0.004
0.020
V
VDD =2.0V
0.5 V input overdrive
—
0.007
0.020
V
VDD =5.5V
0.5 V input overdrive
Output Short-Circuit Current
ISC
—±10
—
mA
VDD =2.0V
—±32
—
mA
VDD =5.5V
Power Supply
Supply Voltage
VDD
2.0
—
5.5
V
Quiescent Current per Amplifier
IQ
50
100
200
µA
IO =0, VCM =VDD/4
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS = GND,
VCM =VDD/2, VOUT  VDD/2, VL =VDD/2, RL =10 kto VL and CL = 20 pF. (Refer to Figure 1-1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
2
—
MHz
Phase Margin
PM
—
65
—
°
G = +1V/V
Slew Rate
SR
—
1.1
—
V/µs
Noise
Input Noise Voltage
Eni
—
7
—
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—27
—
nV/
Hz f = 1 kHz
—23
—
nV/
Hz f = 10 kHz
Input Noise Current Density
ini
—0.6
—
fA/
Hz
f = 1 kHz
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VDD = +2.0V to +5.5V, VSS = GND, TA = +25°C,
VCM =VDD/2, VOUT  VDD/2, VL =VDD/2 and RL =10kto VL. (Refer to Figure 1-1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, VDD = +2.0V to +5.5V and VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SC-70
JA
—
331
—
°C/W
Thermal Resistance, 5L-SOT-23
JA
—220.7
—
°C/W
Thermal Resistance, 8L-2x3 TDFN
JA
—52.5
—
°C/W
Thermal Resistance, 8L-MSOP
JA
—211
—
°C/W
Thermal Resistance, 8L-SOIC
JA
—149.5
—
°C/W
Thermal Resistance, 14L-SOIC
JA
—95.3
—
°C/W
Thermal Resistance, 14L-TSSOP
JA
—
100
—
°C/W
Note 1: The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com