Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6484 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6484
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6484 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6484 Datasheet HTML 4Page - Microchip Technology MCP6484 Datasheet HTML 5Page - Microchip Technology MCP6484 Datasheet HTML 6Page - Microchip Technology MCP6484 Datasheet HTML 7Page - Microchip Technology MCP6484 Datasheet HTML 8Page - Microchip Technology MCP6484 Datasheet HTML 9Page - Microchip Technology MCP6484 Datasheet HTML 10Page - Microchip Technology MCP6484 Datasheet HTML 11Page - Microchip Technology MCP6484 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
MCP6481/2/4
DS20002322C-page 8
 2012-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.2V to +5.5V, VSS = GND, VCM =VDD/2, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =20 pF.
FIGURE 2-7:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-8:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-9:
CMRR, PSRR vs.
Frequency.
FIGURE 2-10:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-11:
Input Bias, Offset Currents
vs. Ambient Temperature.
FIGURE 2-12:
Input Bias Current vs.
Common Mode Input Voltage.
100
1,000
10
1.E-1 1.E+0 1.E+1 1.E+2 1.E+3 1.E+4 1.E+5 1.E+6
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
1M
10
15
20
25
30
f = 10 kHz
0
5
Common Mode Input Voltage (V)
f
10 kHz
V
DD = 5.5 V
20
30
40
50
60
70
80
90
100
1.00E+01
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
Frequency (Hz)
Representative Part
10
100
1k
10k
100k
1M
CMRR
PSRR+
PSRR-
80
85
90
95
100
105
PSRR
CMRR @ V
DD = 5.5V
@V
=22V
65
70
75
-50
-25
0
25
50
75
100
125
Temperature (°C)
@V
DD =2.2V
1
10
100
1000
Input Bias Current
V
DD = 5.5 V
1n
100p
10p
1p
0.01
0.1
Ambient Temperature (°C)
Input Offset Current
0.1p
0.01p
50
100
150
200
250
T
A = +125°C
T
A = +85°C
V
DD = 5.5 V
-50
0
Common Mode Input Voltage (V)
A
T
A = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com