Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6484 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6484
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6484 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6484 Datasheet HTML 12Page - Microchip Technology MCP6484 Datasheet HTML 13Page - Microchip Technology MCP6484 Datasheet HTML 14Page - Microchip Technology MCP6484 Datasheet HTML 15Page - Microchip Technology MCP6484 Datasheet HTML 16Page - Microchip Technology MCP6484 Datasheet HTML 17Page - Microchip Technology MCP6484 Datasheet HTML 18Page - Microchip Technology MCP6484 Datasheet HTML 19Page - Microchip Technology MCP6484 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MCP6481/2/4
DS20002322C-page 16
 2012-2013 Microchip Technology Inc.
4.1.4
NORMAL OPERATION
The inputs of the MCP6481/2/4 op amps use two
differential input stages in parallel. One operates at a
low Common mode input voltage (VCM), while the other
operates at a high VCM. With this topology, the device
operates with a VCM up to 0.3V above VDD and 0.3V
below VSS (refer to Figures 2-3 and 2-4). The input
offset voltage is measured at VCM =VSS –0.3V and
VDD + 0.3V to ensure proper operation.
The transition between the input stages occurs when
VCM is near VDD – 1.2V (refer to Figures 2-3 and 2-4).
For the best distortion performance and gain linearity,
with non-inverting gains, avoid this region of operation.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6481/2/4 op amps
is
0.007V
(typical)
and
5.493V
(typical)
when
RL =10k is connected to VDD/2 and VDD =5.5V.
Refer to Figures 2-23 and 2-24 for more information.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. While a unity-gain buffer (G = +1V/V) is the
most sensitive to capacitive loads, all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = + 1V/V), a small series
resistor at the output (RISO in Figure 4-4) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will generally be lower than the bandwidth
with no capacitance load.
FIGURE 4-4:
Output Resistor, RISO
Stabilizes Large Capacitive Loads.
Figure 4-5 gives the recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1 + |Signal Gain| (e.g., -1V/V gives GN =+2V/V).
After selecting RISO for your circuit, double check the
resulting
frequency
response
peaking
and
step
response overshoot. Modify RISO’s value until the
response
is
reasonable.
Bench
evaluation
and
simulations with the MCP6481/2/4 SPICE macro
model are helpful.
FIGURE 4-5:
Recommended RISO Values
for Capacitive Loads.
4.4
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high-frequency performance. It can use a bulk
capacitor (i.e., 1 µF or larger) within 100 mm to provide
large, slow currents. This bulk capacitor can be shared
with other analog parts.
VIN
RISO
VOUT
CL
–
+
MCP648X
10
100
1000
G
N:
1 V/V
2 V/V
5V/V
V
DD = 5.5 V
R
L = 10 k
1
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
Normalized Load Capacitance; C
L/GN (F)
5 V/V
10p
100p
1n
10n
0.1µ
1µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com