Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6482T-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6482T-E/MS
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6482T-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6482T-E/MS Datasheet HTML 7Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 9Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 10Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 11Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 14Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002322C-page 11
MCP6481/2/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.2V to +5.5V, VSS = GND, VCM =VDD/2, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =20 pF.
FIGURE 2-25:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-26:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-27:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-28:
Small Signal Non-Inverting
Pulse Response.
FIGURE 2-29:
Small Signal Inverting Pulse
Response.
FIGURE 2-30:
Large Signal Non-Inverting
Pulse Response.
3
4
5
6
7
V
DD -VOH
V
OL -VSS
0
1
2
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD = 2.2V
3
4
5
6
7
8
9
10
V
DD -VOH
V
OL -VSS
0
1
2
3
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD = 5.5V
15
2.0
2.5
3.0
3.5
4.0
4.5
Falling Edge, V
DD = 5.5V
Rising Edge, V
DD = 5.5V
0.0
0.5
1.0
1.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
Falling Edge, V
DD = 2.2V
Rising Edge, V
DD = 2.2V
V
5V
Time (0.5 µs/div)
V
DD = 5V
G = +1 V/V
V
DD = 5 V
G = -1 V/V
Time (0.5 µs/div)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
Time (2 µs/div)
V
DD = 5 V
G = +1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com