Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6482T-E/MS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6482T-E/MS
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6482T-E/MS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6482T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 9Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 10Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 11Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 14Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 15Page - Microchip Technology MCP6482T-E/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
MCP6481/2/4
DS20002322C-page 12
 2012-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.2V to +5.5V, VSS = GND, VCM =VDD/2, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =20 pF.
FIGURE 2-31:
Large Signal Inverting Pulse
Response.
FIGURE 2-32:
The MCP6481/2/4 Shows
No Phase Reversal.
FIGURE 2-33:
Closed Loop Output
Impedance vs. Frequency.
FIGURE 2-34:
Measured Input Current vs.
Input Voltage (below VSS).
FIGURE 2-35:
Channel-to-Channel
Separation vs. Frequency (MCP6482/4 only).
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
DD = 5 V
G = -1 V/V
0.0
0.5
1.0
1.5
Time (2 µs/div)
2
3
4
5
6
V
5V
V
OUT
V
IN
-1
0
1
Time (1 ms/div)
V
DD = 5V
G = +2 V/V
10
100
1000
G
N:
101 V/V
1
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
Frequency (Hz)
101 V/V
11 V/V
1 V/V
100
1k
10k
100k
1M
10M
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1m
100µ
10µ
1µ
100n
10n
1
+125°C
+85°C
+25°C
1.0E+01
1.0E+02
1.0E+03
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
V
IN(V)
1n
100p
10p
-40°C
50
60
70
80
90
100
20
30
40
Frequency (Hz)
100
1k
10k
100k
1M
Input Referred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com