Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73114 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73114
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73114 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73114 Datasheet HTML 1Page - Microchip Technology MCP73114 Datasheet HTML 2Page - Microchip Technology MCP73114 Datasheet HTML 3Page - Microchip Technology MCP73114 Datasheet HTML 4Page - Microchip Technology MCP73114 Datasheet HTML 5Page - Microchip Technology MCP73114 Datasheet HTML 6Page - Microchip Technology MCP73114 Datasheet HTML 7Page - Microchip Technology MCP73114 Datasheet HTML 8Page - Microchip Technology MCP73114 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2009-2013 Microchip Technology Inc.
DS22183D-page 1
MCP73113/4
Features:
• Complete Linear Charge Management Controller:
- Integrated Input Overvoltage Protection
- Integrated Pass Transistor
- Integrated Current Sense
- Integrated Reverse Discharge Protection
• Constant Current/Constant Voltage Operation
with Thermal Regulation
• 4.15V Undervoltage Lockout (UVLO)
• 18V Absolute Maximum Input with OVP:
- 6.5V (MCP73113)
- 5.8V (MCP73114)
• High Accuracy Preset Voltage Regulation Through
Full Temperature Range (-5°C to +55°C): +0.5%
• Battery Charge Voltage Options:
- 4.10V, 4.20V, 4.35V or 4.4V
• Resistor Programmable Fast Charge Current:
- 130 mA-1100 mA
• Preconditioning of Deeply Depleted Cells:
- Available Options: 10% or Disable
• Integrated Precondition Timer:
- 32 Minutes or Disable
• Automatic End-of-Charge Control:
- Selectable Minimum Current Ratio:
5%, 7.5%, 10% or 20%
- Elapse Safety Timer: 4 HR, 6 HR, 8 HR or
Disable
• Automatic Recharge:
- Available Options: 95% or Disable
• Charge Status Output-Two Style Options
•Soft start
• Temperature Range: -40°C to +85°C
• Packaging: DFN-10 (3 mm x 3 mm)
Applications:
• Low-Cost Li-Ion/Li-Poly Battery Chargers
• MP3 Players
• Digital Still Camera
• Portable Media Players
• Handheld Devices
• Bluetooth® Headsets
• USB Chargers
Description:
The MCP73113/4 are highly integrated Li-Ion battery
charge
management
controllers
for
use
in
space-limited and cost-sensitive applications. The
MCP73113/4
devices
provide
specific
charge
algorithms for Li-Ion/Li-Polymer batteries to achieve
optimal capacity and safety in the shortest charging
time possible. Along with their small physical size, the
low number of external components make the
MCP73113/4 ideally suitable for portable applications.
The absolute maximum voltage, up to 18V, allows the
use of MCP73113/4 in harsh environments, such as
low cost wall wart or voltage spikes from plug/unplug.
The MCP73113/4 devices employ a constant current/
constant voltage charge algorithm. The various
charging voltage regulations provide design engineers
flexibility to use in different applications. The fast
charge, constant current value is set with one external
resistor from 130 mA to 1100 mA. The MCP73113/4
devices limit the charge current based on die
temperature during high power or high ambient
conditions. This thermal regulation optimizes the
charge cycle time while maintaining device reliability.
The PROG pin of the MCP73113/4 also serves as
enable pin. When high-impedance is applied, the
MCP73113/4 will be in Standby mode.
The MCP73113/4 devices are fully specified over the
ambient temperature range of -40°C to +85°C. They
are available in a 10-lead, DFN package.
Package Types (Top View)
MCP73113/4
3x3 DFN *
VBAT
VDD
VBAT
VSS
VSS
1
2
3
4
10
9
8
7 STAT
PROG
VDD
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
11
NC 5
6 NC
Single-Cell Li-Ion/Li-Polymer Battery Charge Management
Controller with Input Overvoltage Protection


Similar Part No. - MCP73114

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73114 MICROCHIP-MCP73114 Datasheet
581Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73114 MICROCHIP-MCP73114 Datasheet
587Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2010
MCP73114-06SI/MF MICROCHIP-MCP73114-06SI/MF Datasheet
581Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73114-0NSI/MF MICROCHIP-MCP73114-0NSI/MF Datasheet
581Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73114-0NSI/MF MICROCHIP-MCP73114-0NSI/MF Datasheet
587Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2010
More results

Similar Description - MCP73114

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113_10 Datasheet
587Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2010
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73213 MICROCHIP-MCP73213_14 Datasheet
620Kb / 34P
Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
logo
Shenzhen Huazhimei Semi...
HM5519 HMSEMI-HM5519 Datasheet
1Mb / 6P
Single-cell Li-ion/Li-polymer battery protection IC
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
logo
Microchip Technology
MCP73830 MICROCHIP-MCP73830_V01 Datasheet
1Mb / 24P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com