Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73114 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73114
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73114 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73114 Datasheet HTML 9Page - Microchip Technology MCP73114 Datasheet HTML 10Page - Microchip Technology MCP73114 Datasheet HTML 11Page - Microchip Technology MCP73114 Datasheet HTML 12Page - Microchip Technology MCP73114 Datasheet HTML 13Page - Microchip Technology MCP73114 Datasheet HTML 14Page - Microchip Technology MCP73114 Datasheet HTML 15Page - Microchip Technology MCP73114 Datasheet HTML 16Page - Microchip Technology MCP73114 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2009-2013 Microchip Technology Inc.
DS22183D-page 13
MCP73113/4
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLES
3.1
Battery Management Input Supply
(VDD)
A supply voltage of [VREG (Typical) + 0.3V] to 6.0V is
recommended. Bypass to VSS with a minimum of 1 µF.
The VDD pin is rated 18V absolute maximum to prevent
sudden rise of input voltage from spikes or low-cost
AC-DC wall adapter.
3.2
Battery Charge Control Output
(VBAT)
Connect to the positive terminal of the battery. Bypass
to VSS with a minimum of 1 µF to ensure loop stability
when the battery is disconnected.
3.3
No Connect (NC)
No connect.
3.4
Battery Management 0V Reference
(VSS)
Connect to the negative terminal of the battery and
input supply.
3.5
Status Output (STAT)
STAT is an open-drain logic output for connection to an
LED for charge status indication in stand-alone
applications. Alternatively, a pull-up resistor can be
applied for interfacing to a host microcontroller. Refer to
Table 5-2 for a summary of the status output during a
charge cycle.
3.6
Current Regulation Set (PROG)
The fast charge current is set by placing a resistor from
PROG to VSS during Constant-Current (CC) mode.
PROG pin is rated up to 5V with 6V absolute maximum
value.
The PROG pin also serves as a charge control enable
pin. Allowing the PROG pin to float or connecting the
pin to an impedance greater than 200 k
 will disable
the MCP73113/4 charger. Refer to Section 5.5
“Constant Current MODE – Fast Charge” for
details.
3.7
Exposed Pad (EP)
The Exposed Thermal Pad (EP) should be connected
to the exposed copper area on the Printed Circuit
Board (PCB) to enhance thermal power dissipation.
Additional vias on the copper area under the
MCP73113/4 device will improve the performance of
heat dissipation and simplify the assembly process.
MCP73113/4
Symbol
I/O
Function
DFN-10
1, 2
VDD
I
Battery Management Input Supply
3, 4
VBAT
I/O
Battery Charge Control Output
5, 6
NC
—
No Connection
7
STAT
O
Battery Charge Status Output
8, 9
VSS
—
Battery Management 0V Reference
10
PROG
I/O
Battery Charge Current Regulation Program and Charge Control Enable
11
EP
—
Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com