Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73855 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73855
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73855 Datasheet HTML 9Page - Microchip Technology MCP73855 Datasheet HTML 10Page - Microchip Technology MCP73855 Datasheet HTML 11Page - Microchip Technology MCP73855 Datasheet HTML 12Page - Microchip Technology MCP73855 Datasheet HTML 13Page - Microchip Technology MCP73855 Datasheet HTML 14Page - Microchip Technology MCP73855 Datasheet HTML 15Page - Microchip Technology MCP73855 Datasheet HTML 16Page - Microchip Technology MCP73855 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2004-2013 Microchip Technology Inc.
DS21915C-page 13
MCP73853/55
4.0
DEVICE OVERVIEW
The MCP7385X devices are highly-advanced, linear
charge management controllers. For more information,
refer to the “Functional Block Diagram” on page 2.
Figure 4-2 depicts the operational flow algorithm from
charge initiation to completion and automatic recharge.
4.1
Charge Qualification and
Preconditioning
Upon insertion of a battery or application of an external
supply, the MCP7385X devices automatically perform a
series of safety checks to qualify the charge. The input
source voltage must be above the Undervoltage Lock-
out (UVLO) threshold, the enable pin must be above the
logic high level, and the cell temperature monitor must
be within the upper and lower thresholds (MCP73853
only). The qualification parameters are continuously
monitored, with any deviation beyond the limits automat-
ically suspending or terminating the charge cycle. The
input voltage must deviate below the UVLO stop
threshold for at least one clock period to be considered
valid.
Once the qualification parameters have been met, the
MCP7385X devices initiate a charge cycle. The charge
status output is pulled low throughout the charge cycle
(see Table 5-1 and Table 5-2 for charge status out-
puts). If the battery voltage is below the preconditioning
threshold (VPTH), the MCP7385X devices precondition
the battery with a trickle charge. The preconditioning
current is set to approximately 10% of the fast charge
regulation current. The preconditioning trickle charge
safely replenishes deeply depleted cells and minimizes
heat dissipation during the initial charge cycle. If the
battery voltage has not exceeded the preconditioning
threshold before the preconditioning timer has expired,
a fault is indicated and the charge cycle is terminated.
4.2
Constant Current Regulation –
Fast Charge
Preconditioning ends and fast charging begins when
the battery voltage exceeds the preconditioning thresh-
old. Fast charge regulates to a constant current (IREG),
which is set via an external resistor connected to the
PROG pin. Fast charge continues until either the
battery voltage reaches the regulation voltage (VREG)
or the fast charge timer expires; in which case, a fault
is indicated and the charge cycle is terminated.
4.3
Constant Voltage Regulation
When the battery voltage reaches the regulation volt-
age (VREG), constant voltage regulation begins. The
MCP7385X devices monitor the battery voltage at the
VBAT pin. This input is tied directly to the positive termi-
nal of the battery. The MCP7385X devices select the
voltage regulation value based on the state of VSET.
With VSET tied to VSS, the MCP7385X devices regulate
to 4.1V or with VSET tied to VDD, the MCP7385X
devices regulate to 4.2V.
4.4
Charge Cycle Completion and
Automatic Recharge
The MCP7385X devices monitor the charging current
during the Constant-voltage Regulation mode. The
charge cycle is considered complete when either the
charge current has diminished below approximately
7% of the regulation current (IREG) or the elapsed timer
has expired.
Assuming all the qualification parameters are met, the
MCP7385X devices automatically begin a new charge
cycle when the battery voltage falls below the recharge
threshold (VRTH).
4.5
Thermal Regulation
The MCP7385X devices limit the charge current based
on the die temperature. Thermal regulation optimizes
the charge cycle time while maintaining device reliabil-
ity. If thermal regulation is entered, the timer is automat-
ically slowed down to ensure that a charge cycle does
not terminate prematurely. Figure 4-1 depicts the
thermal regulation.
FIGURE 4-1:
Typical Maximum Charge
Current vs. Junction Temperature.
4.6
Thermal Shutdown
The MCP7385X devices suspend charge if the die
temperature exceeds 155°C. Charging resumes when
the die temperature has cooled by approximately 10°C.
The thermal shutdown is a secondary safety feature in
the event that there is a failure within the thermal
regulation circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com