Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73855 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP73855
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855 Datasheet(HTML) 2 Page - Microchip Technology

  MCP73855 Datasheet HTML 1Page - Microchip Technology MCP73855 Datasheet HTML 2Page - Microchip Technology MCP73855 Datasheet HTML 3Page - Microchip Technology MCP73855 Datasheet HTML 4Page - Microchip Technology MCP73855 Datasheet HTML 5Page - Microchip Technology MCP73855 Datasheet HTML 6Page - Microchip Technology MCP73855 Datasheet HTML 7Page - Microchip Technology MCP73855 Datasheet HTML 8Page - Microchip Technology MCP73855 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP73853/55
DS21915C-page 2
 2004-2013 Microchip Technology Inc.
Typical Application
Functional Block Diagram
EN
STAT1
VSET
VDD1
VSS
TIMER
PROG
VBAT1
VBAT2
+
–
Single
Lithium-Ion
Cell
3
2
MCP73855
5
6
4, 7
9
8
10
1
5V
4.7 µF
400 mA Lithium-Ion Battery Charger
4.7 µF
0.1 µF
+
–
Charge
Termination
Comparator
Voltage Control
Amplifier
+
–
UVLO
COMPARATOR
VUVLO
+
-
Temperature
Comparators
+
-
Bias and
Reference
Generator
VUVLO
VREF(1.2V)
Power-On
Delay
VREF
VREF
Oscillator
IREG/12
Constant-voltage/
Recharge Comp.
Precondition
Control
Charge_OK
Precon.
VDD
Charge Current
Control Amplifier
+
–
VREF
VREF
Precondition
Comp.
Charge Control,
Charge Timers,
and
Status Logic
Drv Stat 2
Drv Stat 1
Charge_OK
IREG/12
VDD1
THERM
EN
TIMER
STAT1
STAT2
VBAT3
VSS1
PROG
VSET
THREF
VBAT1
90
110 k
10 k
10 k
100 k
50 k
50 k
G = 0.001
11 k
3k
600 k
149 k
1.58 k
VDD2
VBAT2
300 k
10.3 k
4k
Direction
Control
k
VSS2
VSS3
MCP73853 ONLY
MCP73853 ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com