Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG5000XSL9TH Datasheet(PDF) 39 Page - Intel Corporation

Part # QG5000XSL9TH
Description  Intel 5000X Chipset Memory Controller Hub (MCH)
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG5000XSL9TH Datasheet(HTML) 39 Page - Intel Corporation

Back Button QG5000XSL9TH Datasheet HTML 35Page - Intel Corporation QG5000XSL9TH Datasheet HTML 36Page - Intel Corporation QG5000XSL9TH Datasheet HTML 37Page - Intel Corporation QG5000XSL9TH Datasheet HTML 38Page - Intel Corporation QG5000XSL9TH Datasheet HTML 39Page - Intel Corporation QG5000XSL9TH Datasheet HTML 40Page - Intel Corporation QG5000XSL9TH Datasheet HTML 41Page - Intel Corporation QG5000XSL9TH Datasheet HTML 42Page - Intel Corporation QG5000XSL9TH Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 458 page
background image
Intel® 5000X Chipset Memory Controller Hub (MCH) Datasheet
39
Signal Description
Table 2-4 summarizes the Product Name Initialization timings.
2.10.3
Miscellaneous Requirements and Limitations
• Power rails and stable BUSCLK, FBD{0/1}CLK, and PECLK master clocks remain
within specifications through all but power-up reset.
• Frequencies (for example, 266 MHz) described in this chapter are nominal. The
Intel® 5000P chipset MCH reset sequences must work for the frequency of
operation range specified in the Clocking chapter.
• Hard Reset can be initiated by code running on a processor, JTAG, SMBus, or PCI
agents.
• Hard Reset is not guaranteed to correct all illegal configurations or malfunctions.
Software can configure sticky bits in the Intel 5000P chipset MCH to disable
interfaces that will not be accessible after Hard Reset. Signaling errors or protocol
violations prior to reset (from processor bus, FB-DIMM, or PCI Express) may hang
interfaces that are not cleared by Hard Reset.
• System activity is initiated by a request from a processor bus. No I/O devices will
initiate requests until configured by a processor to do so.
• The FB-DIMM channels will be enabled for packet levelization (Intel 5000P
MCH.FBDST.STATE=“Ready” or “RecoveryReady” state) upon completion of a hard
reset. Software should inspect the Intel 5000P chipset MCH.FBDST.STATE
configuration bits to determine which FB-DIMM channels are available.
• The default values of the POC configuration register bits do not require any
processor request signals to be asserted when PWRGOOD is first asserted.
Software sets these configuration registers to define these values, then initiates a
hard reset that causes them to be driven during processor RESET# signal
assertion.
• Cleanly aborting an in-progress SPD command during a PWRGOOD deassertion is
problematic. No guarantee can be issued as to the final state of the EEPROM in this
situation. The Intel® 5000P MCH cannot meet the SPD data tSU,STO timing
specification. Since the Intel® 5000P MCH floats the data output into a pull-up on
the platform, a read will not degrade to a write. However, if the PWRGOOD
deassertion occurs after the EEPROM has received the write bit, the data will be
corrupted. The platform pull-up must be strong enough to complete a low-to-high
transition on the clock signal within tR = 1 microsecond (ATMEL AT24C01 timing
specification) after deassertion of PWRGOOD to prevent clock glitches. Within these
constraints, an in-progress write address will not be corrupted.
Table 2-4.
Critical Intel® 5000P Initialization Timings
Sequence
Started by
Maximum Length
Covered by
Timing
parameter
Intel® 5000P chipset Core,
FSB, FB-DIMM PLL lock
Stable power and master clock
666,667 333 MHz cycles
T1
Intel® 5000P MCH PCI Express
PLL lock
Stable power and master clock
200,000 100 MHz cycles
Array initialization
Synchronized RESETI#
Deassertion
200 cycles
T17
Fuse download
PWRGOOD Assertion
333,333 333 MHz cycles
T9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com