Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG5000XSL9TH Datasheet(PDF) 49 Page - Intel Corporation

Part # QG5000XSL9TH
Description  Intel 5000X Chipset Memory Controller Hub (MCH)
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG5000XSL9TH Datasheet(HTML) 49 Page - Intel Corporation

Back Button QG5000XSL9TH Datasheet HTML 45Page - Intel Corporation QG5000XSL9TH Datasheet HTML 46Page - Intel Corporation QG5000XSL9TH Datasheet HTML 47Page - Intel Corporation QG5000XSL9TH Datasheet HTML 48Page - Intel Corporation QG5000XSL9TH Datasheet HTML 49Page - Intel Corporation QG5000XSL9TH Datasheet HTML 50Page - Intel Corporation QG5000XSL9TH Datasheet HTML 51Page - Intel Corporation QG5000XSL9TH Datasheet HTML 52Page - Intel Corporation QG5000XSL9TH Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 458 page
background image
Intel® 5000X Chipset Memory Controller Hub (MCH) Datasheet
49
Register Description
.
3.4.1
Device Identification for Intel 5000P Chipset, Intel 5000Z
Chipset, and Intel 5000V Chipset Components
All devices in the Intel® 5000X chipset MCH reside on Bus 0. The following table
describes the root device ID for different MCH versions.
Table 3-1.
Configuration Address Bit Mapping
Source/
Destination
Bus
Device
Function
Dword
Offset
Byte in
Dword
Type
[11:8]
[5:0]
PCI Express Config
Txns (including
ESI)
Destination
Bus[7:0]
Device[4:0] Function[2:0
]
Extended
Register
Addr[3:0]
Register
[5:0]
1st DW
BE[3:0]
Fmt,
Type
PCI Express
MMCFG
on FSB
Source
A[27:20]
A[19:15]
A[14:12]
A[11:8]
A[7:3]
BE[7:4]
BE[7:0]
n/a
PCI Express
MMCFG
from ESI or PCI
Express
Not permitted to access MCH or FB-DIMM regs and will be master aborted.
CPU/Inbound
CB_BAR MMIO
Access
Source
0
8
1
A[11:8]
A[7:3]
BE[7:4]
BE[7:0]
n/a
CFGADR Register
Source
Bus Number
[7:0]
DeviceID
[4:0]
Function
Number[2:0]
not present
Register
Address
[5:0]
Not present
n/a
CFC on
FSB
Source
CFGADR Register, see row above
BE[7:4]
n/a
JTAG Config Access Source
Bus Number
[7:0]
DeviceID
[4:0]
Function
Number[2:0]
Extended
Register
Addr[3:0]
Register
Address[7:2
]
Register
Address
[1:0]
n/a
SMBus Config
Access
Source
Bus Number
[7:0]
Dev[4:0]
Func[2:0]
Reg
Number
[11:8]
Reg[7:2]
command,
Register
Number
n/a
Fixed MCH Memory
Mapped on FSB
Source
0
16
0
cannot
access
A[15:10]
All accesses
are 4 byte
n/a
MCH Register
Decoding
Destination
00000000
See Table
14-4
Function[2:0
]
Dword
Offset[9:6]
Dword
Offset[5:0]
Byte[3:0]
n/a
FB-DIMM Config
Cmds
Destination
A[23:15]
always 0
See Note1
Notes:
1. These accesses are used to select channel/DIMM based on the AMBASE register.
Cannot
access
A[7:3]
BE[7:4]
BE[7:0]
n/a
Table 3-2.
Memory Control Hub ESI Device Identification
Component
Register Group
DID
Device
Functio
n
Intel 5000P Chipset
Enterprise South Bridge Interface
25C8h
0
0
Intel 5000Z Chipset
Enterprise South Bridge Interface
25D0h
Intel 5000V Chipset
Enterprise South Bridge Interface
25D4h
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com