Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500SL9BE Datasheet(PDF) 21 Page - Intel Corporation

Part # QG80331M500SL9BE
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500SL9BE Datasheet(HTML) 21 Page - Intel Corporation

Back Button QG80331M500SL9BE Datasheet HTML 17Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 18Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 19Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 20Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 21Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 22Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 23Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 24Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Specification Update
21
Intel® 80331 I/O Processor
Non-Core Errata
10.
PCI-66 Mode violates PCI AC Timings
Problem:
The PCI Local Bus Specification, Revision 2.3 states a setup time of 3 ns for PCI-66 mode. The
80331 A-1 step has estimated the setup time to be in the range of 3.5 ns to 4 ns, which violates the
PCI Local Bus Specification, Revision 2.3.
Implication:
Some PCI 66 MHz targets may not function correctly with A-1 stepping.
Workaround:
Use PCI-33 or PCI-X modes for initial development on A-1 stepping.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
11.
Reserved bits in the Modem Status Register incorrectly generate interrupts
Problem:
Bits[3:1] in the UART Modem Status Register are reserved bits. These reserved bits are incorrectly
tied to the asserted state therefore generate false interrupts when the Modem Interrupt Enable bit
(UxIER.3) is set. However, the reserved bits only generate the false interrupt once. This happens
the cycle after the UART unit is enabled (UxIER.6) and the Modem Status Interrupts are enabled
(UxIER.3). Once the Modem Interrupt Register is read no more false interrupts occur.
Implication:
A false interrupt can occur.
Workaround:
Software needs to read the Modem Status Register to determine proper interrupt sources.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
12.
P_REQ# not de-asserted during idle
Problem:
The P_REQ# signal stays asserted during bus idle instead of de-asserting as required by PCI Local
Bus Specification, Revision 2.3. For example, when a PCI target asserts STOP#, the P_REQ#
signal de-asserts one clock later than it should. The P_REQ# should have been de-asserted during
the idle cycle.
Implication:
May cause conflict with other PCI agents.
Workaround:
Use a system arbiter that does not care when this condition occurs.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
13.
Chassis/Slot PCI Extended Capability is not valid
Problem:
The Chassis/Slot PCI extended capability cannot be configured, and therefore the capability is not
valid and needs to be removed from the capability chain. The Chassis/Slot capability registers at
D4h - D7h needs to be listed as reserved.
Implication:
Invalid capability information provided to the host.
Workaround:
Do not use Chassis/Slot PCI Extended Capability.
Status:
Fixed. Fixed in B-0 stepping. The fix is to change the capability pointer at 34h to point to the next
capability pointer (Power Management) at DCh, instead of D4h. D4h is to return zero when read.
See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com