Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500SL9BE Datasheet(PDF) 47 Page - Intel Corporation

Part # QG80331M500SL9BE
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500SL9BE Datasheet(HTML) 47 Page - Intel Corporation

Back Button QG80331M500SL9BE Datasheet HTML 43Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 44Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 45Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 46Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 47Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 48Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 49Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 50Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Specification Update
47
Intel® 80331 I/O Processor
Specification Changes
Specification Changes
1.
HPI# (High Priority Interrupt) is a maskable interrupt
Issue:
The HPI# interrupt input is both maskable and masked by default (as are all interrupts). It is
controlled by INTCTL1.31. HPI# operates the same as the other external interrupt inputs
(S_INT[D:A]#).
2.
PCIODT_EN Reset Strap Signal
Issue:
PCI Bus ODT Enable (PCIODT_EN) is a reset strap muxed onto signal A[20] and is latched on the
rising (de-asserting) edge of P_RST#. It is used to determine when the secondary PCI(-X) bus uses
internal pull-ups on the following signals:
S_AD[63:32], S_C/BE[7:4]#, S_PAR64, S_REQ64#, S_REQ[3:0]#, S_ACK64#,
S_FRAME#, S_IRDY#, S_DEVSEL#, S_TRDY#, S_STOP#, S_PERR#, S_LOCK#,
S_M66EN, S_SERR# and S_INT[D:A]#.
When disabled, then external pull-up resistors are required. PCI ODT enable is valid for the 80331
secondary PCI bus only.
Secondary PCI bus options:
1. PCIODTEN = 1 (default), enables 8.2 K internal pull-ups to 3.3 V.
2. PCIODTEN = 0, external 8.2 K pull-ups to 3.3 V are required.
3.
LOCK# functionality has been de-featured
Issue:
The LOCK# functionality of the PCI-X bridge has been de-featured from the 80331.
4.
Watchdog Timer and Retry Timer has been de-featured
Issue:
The Watchdog Timer and Retry Timer of the PCI-X bridge has been de-featured from the 80331.
5.
P_GNT# and P_REQ# signals have new ball locations on B-0
Issue:
The location of P_REQ# and P_GNT# on A-1 causes a violation of the maximum trace length
required by the PCI Local Bus Specification, Revision 2.3:
P_REQ# signal is moving from T6 on A-1 to H11 on B-0.
P_GNT# signal is moving from R4 on A-1 to G12 on B-0.
The 80331 boards need to incorporate series resistors that can be populated/de-populated for
connection to either the A-1 or B-0 P_REQ#/P_GNT# ball location. Route the P_REQ# net to the
two ball locations as separate routes through two 0 ohm series resistor located near the PCI edge
connector. Route the P_GNT# net to the two ball locations as separate routes through two 0 ohm
series resistor located near the PCI edge connector. Populate the resistor that connects the net to the
correct ball according to the silicon revision.
6.
Peripheral Performance Monitor Unit has been de-featured
Issue:
The Peripheral Performance Monitor Unit has been de-featured. The Intel XScale® core PMON is
still functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com