Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH253 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSH253
Description  High Sensitivity Omni-Polar Hall Effect Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH253 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSH253 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TSH253
High Sensitivity Omni-Polar Hall Effect Switch
3/8
Version: C13
Magnetic Specifications (TSH253CT)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operating
Point
BOPS
S pole to branded side, B > BOP, Vout On
30
60
Gauss
BOPN
N pole to branded side, B > BOP, Vout On
-60
-30
Gauss
Release
Point
BRPS
S pole to branded side, B < BRP, Vout Off
5
25
Gauss
BRPN
N pole to branded side, B < BRP, Vout Off
-25
-5
Gauss
Hysteresis
BHYS
|BOPx - BRPx|
5
Gauss
Note: 1G (Gauss) = 0.1mT (millitesta)
Magnetic Specifications (TSH253CX)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operating
Point
BOPS
N pole to branded side, B > BOP, Vout On
--
30
60
Gauss
BOPN
S pole to branded side, B > BOP, Vout On
-60
-30
--
Gauss
Release
Point
BRPS
N pole to branded side, B < BRP, Vout Off
5
25
--
Gauss
BRPN
S pole to branded side, B < BRP, Vout Off
--
-25
-5
Gauss
Hysteresis
BHYS
|BOPx - BRPx|
--
5
--
Gauss
Note: 1G (Gauss) = 0.1mT (millitesta)
Output Behavior versus Magnetic Pole
DC Operating Parameters: TA = -40 to 125
oC, V
CC = 1.8V ~ 6V
Parameter
Test condition
OUT
South pole
B<Bop[(-60)~(-5)]
Low
Null or weak magnetic field
B=0 or B < BRP
Open(Pull-up Voltage)
North pole
B>Bop(60~5)
Low
TO-92S
SOT-23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com