Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH253 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSH253
Description  High Sensitivity Omni-Polar Hall Effect Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH253 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSH253 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSH253 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSH253
High Sensitivity Omni-Polar Hall Effect Switch
1/8
Version: C13
TO-92S
SOT-23
Description
TSH253 Hall-effect sensor is a temperature stable, stress-resistant switch. Superior high-temperature
performance is made possible through a dynamic offset cancellation that utilizes chopper-stabilization. This
method reduces the offset voltage normally caused by device over molding, temperature dependencies, and
thermal stress. TSH253 includes the following on a single silicon chip: voltage regulator, Hall voltage generator,
small-signal amplifier, chopper stabilization, Schmitt trigger, open-drain output. Advanced CMOS wafer fabrication
processing is used to take advantage of low-voltage requirements, component matching, very low input-offset
errors, and small component geometries.
Features
●
CMOS Hall IC Technology
●
Solid-State Reliability much better than reed switch
●
Omni polar output switches with absolute value of
North or South pole from magnet
●
Operation down to 1.8 V and Max at 6V.
●
High Sensitivity for reed switch replacement
●
ESD HBM ±4KV Min
Ordering Information
Part No.
Package
Packing
TSH253CT B0G
TO-92S
1Kpcs / Bulk Bag
TSH253CX RFG
SOT-23
3Kpcs / 7” Reel
Note: “G” denote for Halogen Free Product
Application
●
Solid state switch, Revolution counter
●
Lid close sensor for power supply devices
●
Magnet proximity sensor for reed switch
replacement in high duty cycle applications.
●
Safety Key on sporting equipment
●
Speed sensor, Position Sensor, Rotation Sensor
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Characteristics
Limit
Value
Unit
Supply voltage
VCC
6
V
Output Voltage
VOUT
6
V
Reverse voltage
VCC/OUT
-0.3
V
Magnetic flux density
Unlimited
Gauss
Output current
IOUT
1
mA
Operating Temperature Range
TOPR
-40 to +85
oC
Storage temperature range
TSTG
-55 to +150
oC
Maximum Junction Temp
TJ
150
oC
Thermal Resistance - Junction to Ambient
TO-92S
θ
JA
206
oC/W
SOT-23
543
Thermal Resistance - Junction to Case
TO-92S
θ
JC
148
oC/W
SOT-23
410
Package Power Dissipation
TO-92S
PD
606
mW
SOT-23
230
Note: Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum-
rated conditions for extended periods may affect device reliability.
Pin Definition:
1. VCC
2. GND
3. Output
Pin Definition:
1. VCC
2. Output
3. GND


Similar Part No. - TSH253

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
Micropower CMOS Output Hall Effect Switch
TSH251 TSC-TSH251 Datasheet
419Kb / 8P
Micropower CMOS Output Hall Effect Switch
TSH251CT TSC-TSH251CT Datasheet
419Kb / 8P
Micropower CMOS Output Hall Effect Switch
TSH251CTB0G TSC-TSH251CTB0G Datasheet
419Kb / 8P
Micropower CMOS Output Hall Effect Switch
TSH251CX TSC-TSH251CX Datasheet
419Kb / 8P
Micropower CMOS Output Hall Effect Switch
More results

Similar Description - TSH253

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
Sensitivity Unipolar Hall Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH3360 DIODES-AH3360 Datasheet
393Kb / 11P
HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
logo
Taiwan Semiconductor Co...
TSH248 TSC-TSH248 Datasheet
209Kb / 8P
Micropower Omni-Polar Hall Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com