Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 177Page - Microchip Technology PIC16F87 Datasheet HTML 178Page - Microchip Technology PIC16F87 Datasheet HTML 179Page - Microchip Technology PIC16F87 Datasheet HTML 180Page - Microchip Technology PIC16F87 Datasheet HTML 181Page - Microchip Technology PIC16F87 Datasheet HTML 182Page - Microchip Technology PIC16F87 Datasheet HTML 183Page - Microchip Technology PIC16F87 Datasheet HTML 184Page - Microchip Technology PIC16F87 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 181
PIC16F87/88
FIGURE 18-9:
CAPTURE/COMPARE/PWM TIMINGS (CCP1)
TABLE 18-7:
CAPTURE/COMPARE/PWM REQUIREMENTS (CCP1)
Note: Refer to Figure 18-3 for load conditions.
CCP1
(Capture Mode)
50
51
52
53
54
CCP1
(Compare or PWM Mode)
Param
No.
Symbol
Characteristic
Min
Typ† Max Units
Conditions
50*
TccL
CCP1
Input Low Time
No Prescaler
0.5 TCY + 20
—
—
ns
With Prescaler PIC16F87/88
10
—
—
ns
PIC16LF87/88
20
—
—
ns
51*
TccH
CCP1
Input High Time
No Prescaler
0.5 TCY + 20
—
—
ns
With Prescaler PIC16F87/88
10
—
—
ns
PIC16LF87/88
20
—
—
ns
52*
TccP
CCP1 Input Period
3 TCY + 40
N
—
—
ns
N = prescale
value (1, 4 or 16)
53*
TccR
CCP1 Output Rise Time
PIC16F87/88
—
10
25
ns
PIC16LF87/88
—
25
50
ns
54*
TccF
CCP1 Output Fall Time
PIC16F87/88
—
10
25
ns
PIC16LF87/88
—
25
45
ns
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com