Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 181Page - Microchip Technology PIC16F87 Datasheet HTML 182Page - Microchip Technology PIC16F87 Datasheet HTML 183Page - Microchip Technology PIC16F87 Datasheet HTML 184Page - Microchip Technology PIC16F87 Datasheet HTML 185Page - Microchip Technology PIC16F87 Datasheet HTML 186Page - Microchip Technology PIC16F87 Datasheet HTML 187Page - Microchip Technology PIC16F87 Datasheet HTML 188Page - Microchip Technology PIC16F87 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 185
PIC16F87/88
TABLE 18-9:
I2C™ BUS START/STOP BITS REQUIREMENTS
FIGURE 18-15:
I2C™ BUS DATA TIMING
Param
No.
Symbol
Characteristic
Min Typ Max Units
Conditions
90*
TSU:STA
Start Condition
100 kHz mode
4700
—
—
ns
Only relevant for Repeated
Start condition
Setup Time
400 kHz mode
600
—
—
91*
THD:STA
Start Condition
100 kHz mode
4000
—
—
ns
After this period, the first clock
pulse is generated
Hold Time
400 kHz mode
600
—
—
92*
TSU:STO
Stop Condition
100 kHz mode
4700
—
—
ns
Setup Time
400 kHz mode
600
—
—
93
THD:STO
Stop Condition
100 kHz mode
4000
—
—
ns
Hold Time
400 kHz mode
600
—
—
*
These parameters are characterized but not tested.
Note: Refer to Figure 18-3 for load conditions.
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com