Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-3UMG64C Datasheet(PDF) 97 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-3UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-3UMG64C Datasheet(HTML) 97 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-3UMG64C Datasheet HTML 93Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 94Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 95Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 96Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 97Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 98Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 99Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 100Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 101Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
5-13
Ordering Information
MachXO2 Family Data Sheet
High-Performance Industrial Grade Devices with Voltage Regulator, Halogen Free (RoHS)
Packaging
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-1200ZE-1TG100IR1
1
1280
1.2V
-1
Halogen-Free TQFP
100
IND
LCMXO2-1200ZE-2TG100IR1
1
1280
1.2V
-2
Halogen-Free TQFP
100
IND
LCMXO2-1200ZE-3TG100IR1
1
1280
1.2V
-3
Halogen-Free TQFP
100
IND
LCMXO2-1200ZE-1MG132IR1
1
1280
1.2V
-1
Halogen-Free csBGA
132
IND
LCMXO2-1200ZE-2MG132IR1
1
1280
1.2V
-2
Halogen-Free csBGA
132
IND
LCMXO2-1200ZE-3MG132IR1
1
1280
1.2V
-3
Halogen-Free csBGA
132
IND
LCMXO2-1200ZE-1TG144IR1
1
1280
1.2V
-1
Halogen-Free TQFP
144
IND
LCMXO2-1200ZE-2TG144IR1
1
1280
1.2V
-2
Halogen-Free TQFP
144
IND
LCMXO2-1200ZE-3TG144IR1
1
1280
1.2V
-3
Halogen-Free TQFP
144
IND
1. Specifications for the “LCMXO2-1200ZE-speed package IR1” are the same as the “LCMXO2-1200ZE-speed package I” devices respec-
tively, except as specified in the R1 Device Specifications section on page 5-18 of this data sheet.
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-256HC-4SG32I
256
2.5V/3.3V
-4
Halogen-Free QFN
32
IND
LCMXO2-256HC-5SG32I
256
2.5V/3.3V
-5
Halogen-Free QFN
32
IND
LCMXO2-256HC-6SG32I
256
2.5V/3.3V
-6
Halogen-Free QFN
32
IND
LCMXO2-256HC-4UMG64I
256
2.5V/3.3V
-4
Halogen-Free ucBGA
64
IND
LCMXO2-256HC-5UMG64I
256
2.5V/3.3V
-5
Halogen-Free ucBGA
64
IND
LCMXO2-256HC-6UMG64I
256
2.5V/3.3V
-6
Halogen-Free ucBGA
64
IND
LCMXO2-256HC-4TG100I
256
2.5V/3.3V
-4
Halogen-Free TQFP
100
IND
LCMXO2-256HC-5TG100I
256
2.5V/3.3V
-5
Halogen-Free TQFP
100
IND
LCMXO2-256HC-6TG100I
256
2.5V/3.3V
-6
Halogen-Free TQFP
100
IND
LCMXO2-256HC-4MG132I
256
2.5V/3.3V
-4
Halogen-Free csBGA
132
IND
LCMXO2-256HC-5MG132I
256
2.5V/3.3V
-5
Halogen-Free csBGA
132
IND
LCMXO2-256HC-6MG132I
256
2.5V/3.3V
-6
Halogen-Free csBGA
132
IND
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-640HC-4TG100I
640
2.5V/3.3V
-4
Halogen-Free TQFP
100
IND
LCMXO2-640HC-5TG100I
640
2.5V/3.3V
-5
Halogen-Free TQFP
100
IND
LCMXO2-640HC-6TG100I
640
2.5V/3.3V
-6
Halogen-Free TQFP
100
IND
LCMXO2-640HC-4MG132I
640
2.5V/3.3V
-4
Halogen-Free csBGA
132
IND
LCMXO2-640HC-5MG132I
640
2.5V/3.3V
-5
Halogen-Free csBGA
132
IND
LCMXO2-640HC-6MG132I
640
2.5V/3.3V
-6
Halogen-Free csBGA
132
IND
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-640UHC-4TG144I
640
2.5V/3.3V
-4
Halogen-Free TQFP
144
IND
LCMXO2-640UHC-5TG144I
640
2.5V/3.3V
-5
Halogen-Free TQFP
144
IND
LCMXO2-640UHC-6TG144I
640
2.5V/3.3V
-6
Halogen-Free TQFP
144
IND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com