Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-3UMG64C Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-3UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-3UMG64C Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-3UMG64C Datasheet HTML 16Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 17Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 18Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 19Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 20Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 21Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 22Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 23Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 24Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 106 page
background image
2-16
Architecture
MachXO2 Family Data Sheet
Figure 2-12. MachXO2 Input Register Block Diagram (PIO on Left, Top and Bottom Edges)
Right Edge
The input register block on the right edge is a superset of the same block on the top, bottom, and left edges. In
addition to the modes described above, the input register block on the right edge also supports DDR memory
mode.
In DDR memory mode, two registers are used to sample the data on the positive and negative edges of the modi-
fied DQS (DQSR90) in the DDR Memory mode creating two data streams. Before entering the core, these two data
streams are synchronized to the system clock to generate two data streams.
The signal DDRCLKPOL controls the polarity of the clock used in the synchronization registers. It ensures ade-
quate timing when data is transferred to the system clock domain from the DQS domain. The DQSR90 and
DDRCLKPOL signals are generated in the DQS read-write block.
Figure 2-13. MachXO2 Input Register Block Diagram (PIO on Right Edge)
Output Register Block
The output register block registers signals from the core of the device before they are passed to the sysIO buffers.
Left, Top, Bottom Edges
In SDR mode, D0 feeds one of the flip-flops that then feeds the output. The flip-flop can be configured as a D-type
register or latch.
SCLK
INCK
Q1
Q0
INDD
D
Q0
Q1
D
Q
Programmable
Delay Cell
D/L Q
D
Q
D
Q
Q1
Q0
INDD
D
DQSR90
Q0
Q1
SCLK
S0
S1
DDRCLKPOL
Programmable
Delay Cell
D/L Q
INCK
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com