Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 4 Page - Lattice Semiconductor

  LCMXO2-1200ZE-3TG144C Datasheet HTML 1Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 2Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 3Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 4Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 5Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 6Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
1-3
Introduction
MachXO2 Family Data Sheet
and oscillators dynamically. These features help manage static and dynamic power consumption resulting in low
static power for all members of the family.
The MachXO2 devices are available in two versions – ultra low power (ZE) and high performance (HC and HE)
devices. The ultra low power devices are offered in three speed grades -1, -2 and -3, with -3 being the fastest. Sim-
ilarly, the high-performance devices are offered in three speed grades: -4, -5 and -6, with -6 being the fastest. HC
devices have an internal linear voltage regulator which supports external VCC supply voltages of 3.3V or 2.5V. ZE
and HE devices only accept 1.2V as the external VCC supply voltage. With the exception of power supply voltage
all three types of devices (ZE, HC and HE) are functionally compatible and pin compatible with each other.
The MachXO2 PLDs are available in a broad range of advanced halogen-free packages ranging from the space
saving 2.5x2.5 mm WLCSP to the 23x23 mm fpBGA. MachXO2 devices support density migration within the same
package. Table 1-1 shows the LUT densities, package and I/O options, along with other key parameters.
The pre-engineered source synchronous logic implemented in the MachXO2 device family supports a broad range
of interface standards, including LPDDR, DDR, DDR2 and 7:1 gearing for display I/Os.
The MachXO2 devices offer enhanced I/O features such as drive strength control, slew rate control, PCI compati-
bility, bus-keeper latches, pull-up resistors, pull-down resistors, open drain outputs and hot socketing. Pull-up, pull-
down and bus-keeper features are controllable on a “per-pin” basis.
A user-programmable internal oscillator is included in MachXO2 devices. The clock output from this oscillator may
be divided by the timer/counter for use as clock input in functions such as LED control, key-board scanner and sim-
ilar state machines.
The MachXO2 devices also provide flexible, reliable and secure configuration from on-chip Flash memory. These
devices can also configure themselves from external SPI Flash or be configured by an external master through the
JTAG test access port or through the I
2C port. Additionally, MachXO2 devices support dual-boot capability (using
external Flash memory) and remote field upgrade (TransFR) capability.
Lattice provides a variety of design tools that allow complex designs to be efficiently implemented using the
MachXO2 family of devices. Popular logic synthesis tools provide synthesis library support for MachXO2. Lattice
design tools use the synthesis tool output along with the user-specified preferences and constraints to place and
route the design in the MachXO2 device. These tools extract the timing from the routing and back-annotate it into
the design for timing verification.
Lattice provides many pre-engineered IP (Intellectual Property) LatticeCORE™ modules, including a number of
reference designs licensed free of charge, optimized for the MachXO2 PLD family. By using these configurable soft
core IP cores as standardized blocks, users are free to concentrate on the unique aspects of their design, increas-
ing their productivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com