Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 3 Page - Lattice Semiconductor

  LCMXO2-1200ZE-3TG144C Datasheet HTML 1Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 2Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 3Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 4Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 5Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 6Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
1-2
Introduction
MachXO2 Family Data Sheet
Table 1-1. MachXO2™ Family Selection Guide
Introduction
The MachXO2 family of ultra low power, instant-on, non-volatile PLDs has six devices with densities ranging from
256 to 6864 Look-Up Tables (LUTs). In addition to LUT-based, low-cost programmable logic these devices feature
Embedded Block RAM (EBR), Distributed RAM, User Flash Memory (UFM), Phase Locked Loops (PLLs), pre-
engineered source synchronous I/O support, advanced configuration support including dual-boot capability and
hardened versions of commonly used functions such as SPI controller, I
2C controller and timer/counter. These fea-
tures allow these devices to be used in low cost, high volume consumer and system applications.
The MachXO2 devices are designed on a 65nm non-volatile low power process. The device architecture has sev-
eral features such as programmable low swing differential I/Os and the ability to turn off I/O banks, on-chip PLLs
XO2-256
XO2-640
XO2-640U
1
XO2-1200
XO2-1200U
1
XO2-2000
XO2-2000U
1
XO2-4000
XO2-7000
LUTs
256
640
640
12801280
2112
2112
4320
6864
Distributed RAM (Kbits)
25
5
10
10
16
16
34
54
EBR SRAM (Kbits)
018
64
64
74
74
92
92
240
Number of EBR SRAM
Blocks (9 Kbits/block)
Device Options
02
7
7
88
10
10
26
UFM (Kbits)
0
24
64
64
80
80
96
96
256
Number of PLLs
Packages
I/Os
0
HC
2
HE
3
ZE
4
01
1
1
1
2
2
2
Hardened Functions:
I2C
SPI
Timer/Counter
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
25 WLCSP
5
(2.5 x 2.5mm, 0.4mm)
32 QFN
6
(5 x 5mm, 0.5mm)
18
64 ucBGA
(4 x 4mm, 0.4mm)
44
21
100 TQFP
(14 x 14mm)
132 csBGA
(8 x 8mm, 0.5mm)
144 TQFP
(20 x 20mm)
256 caBGA
(14 x 14mm, 0.8mm)
256 ftBGA
(17 x 17mm, 1.0mm)
332 caBGA
(17 x 17mm, 0.8mm)
484 fpBGA
(23 x 23mm, 1.0mm)
1. Ultra high I/O device.
2. High performance with regulator – VCC = 2.5V, 3.3V
3. High performance without regulator – VCC = 1.2V
4. Low power without regulator – VCC = 1.2V
5. WLCSP package only available for ZE devices.
6. QFN package only available for HC and ZE devices.
7. 184 csBGA package only available for HE devices.
278
278
334
274
278
206
206
206
206
206
206
206
107
107
111
114
114
55
79
104
104
104
55
78
79
79
184 csBGA7
(8 x 8mm, 0.5mm)
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com