Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

rfPIC12F675F Datasheet(PDF) 39 Page - Microchip Technology

Part # rfPIC12F675F
Description  FLASH-Based Microcontroller with ASK/FSK Transmitter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

rfPIC12F675F Datasheet(HTML) 39 Page - Microchip Technology

Back Button rfPIC12F675F Datasheet HTML 35Page - Microchip Technology rfPIC12F675F Datasheet HTML 36Page - Microchip Technology rfPIC12F675F Datasheet HTML 37Page - Microchip Technology rfPIC12F675F Datasheet HTML 38Page - Microchip Technology rfPIC12F675F Datasheet HTML 39Page - Microchip Technology rfPIC12F675F Datasheet HTML 40Page - Microchip Technology rfPIC12F675F Datasheet HTML 41Page - Microchip Technology rfPIC12F675F Datasheet HTML 42Page - Microchip Technology rfPIC12F675F Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
 2003-2013 Microchip Technology Inc.
Preliminary
DS70091B-page 39
rfPIC12F675
7.0
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The analog-to-digital converter (A/D) allows conversion
of an analog input signal to a 10-bit binary representa-
tion of that signal. The rfPIC12F675 has four analog
inputs, multiplexed into one sample and hold circuit.
The output of the sample and hold is connected to the
input of the converter. The converter generates a
binary result via successive approximation and stores
the result in a 10-bit register. The voltage reference
used in the conversion is software selectable to either
VDD or a voltage applied by the VREF pin. Figure 7-1
shows the block diagram of the A/D.
FIGURE 7-1:
A/D BLOCK DIAGRAM
7.1
A/D Configuration and Operation
There are two registers available to control the
functionality of the A/D module:
1.
ADCON0 (Register 7-1)
2.
ANSEL (Register 7-2)
7.1.1
ANALOG PORT PINS
The ANS3:ANS0 bits (ANSEL<3:0>) and the TRISIO
bits control the operation of the A/D port pins. Set the
corresponding TRISIO bits to set the pin output driver
to its high impedance state. Likewise, set the
corresponding ANS bit to disable the digital input
buffer.
7.1.2
CHANNEL SELECTION
There are four analog channels, AN0 through AN3. The
CHS1:CHS0
bits
(ADCON0<3:2>)
control
which
channel is connected to the sample and hold circuit.
7.1.3
VOLTAGE REFERENCE
There are two options for the voltage reference to the
A/D converter: either VDD is used, or an analog voltage
applied to VREF is used. The VCFG bit (ADCON0<6>)
controls the voltage reference selection. If VCFG is set,
then the voltage on the VREF pin is the reference;
otherwise, VDD is the reference.
7.1.4
CONVERSION CLOCK
The A/D conversion cycle requires 11 TAD. The source
of the conversion clock is software selectable via the
ADCS bits (ANSEL<6:4>). There are seven possible
clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (dedicated internal RC oscillator)
For correct conversion, the A/D conversion clock
(1/TAD) must be selected to ensure a minimum TAD of
1.6
s. Table 7-1 shows a few TAD calculations for
selected frequencies.
GP0/AN0
ADC
GP1/AN1/VREF
GP2/AN2
GP4/AN3
VDD
VREF
ADON
GO/DONE
VCFG = 1
VCFG = 0
CHS1:CHS0
ADRESH
ADRESL
10
10
ADFM
VSS
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com