Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

rfPIC12F675F Datasheet(PDF) 4 Page - Microchip Technology

Part # rfPIC12F675F
Description  FLASH-Based Microcontroller with ASK/FSK Transmitter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

rfPIC12F675F Datasheet(HTML) 4 Page - Microchip Technology

  rfPIC12F675F Datasheet HTML 1Page - Microchip Technology rfPIC12F675F Datasheet HTML 2Page - Microchip Technology rfPIC12F675F Datasheet HTML 3Page - Microchip Technology rfPIC12F675F Datasheet HTML 4Page - Microchip Technology rfPIC12F675F Datasheet HTML 5Page - Microchip Technology rfPIC12F675F Datasheet HTML 6Page - Microchip Technology rfPIC12F675F Datasheet HTML 7Page - Microchip Technology rfPIC12F675F Datasheet HTML 8Page - Microchip Technology rfPIC12F675F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
rfPIC12F675
DS70091B-page 4
Preliminary
 2003-2013 Microchip Technology Inc.
TABLE 1-1:
rfPIC12F675 PINOUT
PIN
BUFFER
WEAK
PULL-UP
DESCRIPTION
IN
OUT
1VDD
Direct
—
—
Power Supply
2
GP5
TTL
CMOS
Prog
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
T1CKI
ST
—
—
Timer1 clock
OSC1
Xtal
—
Bias
XTAL connection
CLKIN
ST
—
—
External RC network or clock input
3
GP4
TTL
CMOS
Prog
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
T1G
ST
—
—
Timer1 gate
AN3
Analog
—
—
A/D Channel 3 input
OSC2
—
Xtal
Bias
XTAL connection
CLKOUT
—
CMOS
—
TOSC/4 reference clock
4
GP3
TTL
—
General purpose input. Individually controlled interrupt-on-
change.
MCLR
ST
—
No
Master Clear Reset
VPP
HV
—
—
Programming voltage
5
RFXTAL
Xtal
Xtal
Bias
RF Crystal
6
RFEN
TTL
—
—
RF Enable
7
REFCLK
—
CMOS
—
Reference Clock/4 Output (on rfPIC12F675K/F)
Reference Clock/8 Output (on rfPIC12F675H)
8
PS
Analog
—
Bias
Power Select
9VDDRF
Direct
—
—
RF Power Supply
10
VSSRF
Direct
—
—
RF Ground Reference
11
ANT
—
OD
—
RF power amp output to antenna
12
VSSRF
Direct
—
—
RF Ground Reference
13
LF
Analog
Analog
—
Loop Filter
14
DATAASK
TTL
—
—
ASK modulation data
15
DATAFSK
TTL
—
—
FSK modulation data
16
FSKOUT
—
OD
—
FSK output to modulate reference crystal
17
GP2
ST
CMOS
Prog
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull up.
AN2
Analog
—
—
A/D Channel 2 input
COUT
—
CMOS
—
Comparator output
T0CKI
ST
—
—
External clock for Timer0
INT
ST
—
—
External interrupt
18
GP1
TTL
CMOS
Prog
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN1
Analog
—
—
A/D Channel 1 input
CIN-
Analog
—
—
Comparator input - negative
VREF
Analog
—
—
External voltage reference
ICSPCLK
ST
—
—
Serial programming clock
19
GP0
TTL
CMOS
Prog
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN0
Analog
—
—
A/D Channel 0 input
CIN+
Analog
—
—
Comparator input - positive
ICSPDAT
TTL
CMOS
—
Serial Programming Data I/O
20
VSS
Direct
—
—
Ground reference
Legend:
TTL = TTL input buffer, ST = Schmitt Trigger input buffer, OD = Open Drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com