Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1410 Datasheet(PDF) 21 Page - Microchip Technology

Part # TC1410
Description  0.5A High-Speed MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410 Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC1410_13 Datasheet HTML 17Page - Microchip Technology TC1410_13 Datasheet HTML 18Page - Microchip Technology TC1410_13 Datasheet HTML 19Page - Microchip Technology TC1410_13 Datasheet HTML 20Page - Microchip Technology TC1410_13 Datasheet HTML 21Page - Microchip Technology TC1410_13 Datasheet HTML 22Page - Microchip Technology TC1410_13 Datasheet HTML 23Page - Microchip Technology TC1410_13 Datasheet HTML 24Page - Microchip Technology TC1410_13 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
 2001-2013 Microchip Technology Inc.
DS20001389E-page 21
TC1410/TC1410N
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1410:
0.5A Single MOSFET Driver, Inverting
TC1410N: 0.5A Single MOSFET Driver, Non-Inverting
Temperature Range:
C
=
0°C to +70°C
E
=
-40°C to +85°C
Package:
OA
= Plastic SOIC, (150 mil Body), 8-lead
OA713 = Plastic SOIC, (150 mil Body), 8-lead
(Tape and Reel)
UA
= Plastic Micro Small Outline (MSOP), 8-lead *
UA713 = Plastic Micro Small Outline (MSOP), 8-lead *
(Tape and Reel)
PA
= Plastic DIP (300 mil Body), 8-lead
* MSOP package is only available in E-Temp.
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
TC1410COA:
0.5A Single MOSFET
driver, SOIC package,
0°C to +70°C.
b)
TC1410CPA:
0.5A Single MOSFET
driver, PDIP package,
0°C to +70°C.
c)
TC1410EUA713: Tape and Reel,
0.5A Single MOSFET
driver, MSOP package,
-40°C to +85°C.
a)
TC1410NCPA:
0.5A Single MOSFET
driver, PDIP package,
0°C to +70°C.
b)
TC1410NEPA:
0.5A Single MOSFET
driver, PDIP package,
-40°C to +85°C.
c)
TC1410NEUA:
0.5A Single MOSFET
driver, MSOP package,
-40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com