Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1410 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1410
Description  0.5A High-Speed MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1410_13 Datasheet HTML 3Page - Microchip Technology TC1410_13 Datasheet HTML 4Page - Microchip Technology TC1410_13 Datasheet HTML 5Page - Microchip Technology TC1410_13 Datasheet HTML 6Page - Microchip Technology TC1410_13 Datasheet HTML 7Page - Microchip Technology TC1410_13 Datasheet HTML 8Page - Microchip Technology TC1410_13 Datasheet HTML 9Page - Microchip Technology TC1410_13 Datasheet HTML 10Page - Microchip Technology TC1410_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
 2001-2013 Microchip Technology Inc.
DS20001389E-page 7
TC1410/TC1410N
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 16V with respect to the ground
pin. The VDD input should be bypassed to ground with
a local ceramic capacitor. The value of the capacitor is
chosen based on the capacitive load that is being
driven. A value of 1.0 µF is suggested.
3.2
Control Input (IN)
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input also has
300 mV of hysteresis between the high and low
thresholds that prevents output glitching even when the
rise and fall time of the input signal is very slow.
3.3
CMOS Push-Pull Output
(OUT, OUT)
The MOSFET driver output is a low-impedance,
CMOS, push-pull style output, capable of driving a
capacitive load with 0.5 A peak currents.
3.4
Ground (GND)
The ground pins are the return path for the bias current
and for the high peak currents that discharge the load
capacitor. The ground pins should be tied into a ground
plane or have very short traces to the bias supply
source return.
TABLE 3-1:
PIN FUNCTION TABLE
Pin
No.
TC1410
MSOP, PDIP, SOIC
TC1410N
MSOP, PDIP, SOIC
Description
1VDD
VDD
Supply input, 4.5V to 16V
2
IN
IN
Control input
3
NC
NC
No connection
4GND
GND
Ground
5GND
GND
Ground
6OUT
OUT
CMOS push-pull output, common to pin 7
7OUT
OUT
CMOS push-pull output, common to pin 6
8VDD
VDD
Supply input, 4.5V to 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com